Electronic Components Datasheet Search |
|
A-4094-09A241 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
A-4094-09A241 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 02/25/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 22-12-2091 Status: Active Overview: KK® Interconnect System - Molex Description: KK® 254 Wire-to-Board Header, Single Row, Right Angle, 9 Circuits, PA Polyamide Nylon, Gold (Au) Plating Documents: 3D Model Product Specification PS-10-07 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 4094 Application Board-to-Board, Signal, Wire-to-Board Overview KK® Interconnect System - Molex Product Name KK® 254 UPC 800753728974 Physical Breakaway No Circuits (Loaded) 9 Circuits (maximum) 9 Color - Resin Natural (White) Durability (mating cycles max) 100 Flammability 94V-0 Glow-Wire Compliant No Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Gold Material - Resin Nylon Net Weight 0.717/g Number of Rows 1 Orientation Right Angle PC Tail Length 3.15mm PCB Locator No PCB Retention None PCB Thickness - Recommended 1.60mm Packaging Type Bag Pitch - Mating Interface 2.54mm Pitch - Termination Interface 2.54mm Plating min - Mating 0.508µm Plating min - Termination 0.508µm Polarized to Mating Part No Polarized to PCB No Shrouded No Stackable Yes Surface Mount Compatible (SMC) No Temperature Range - Operating See Product Specification Termination Interface: Style Through Hole Electrical Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 4094Series Mates With 2695 , 6471 , 7880 , 4455 , 7720 |
Similar Part No. - A-4094-09A241 |
|
Similar Description - A-4094-09A241 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |