Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT65103L254 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PT65103L254
Description  4 actuator types
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PT65103L254 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PT65103L254 Datasheet HTML 1Page - List of Unclassifed Manufacturers PT65103L254 Datasheet HTML 2Page - List of Unclassifed Manufacturers PT65103L254 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APEM
www.apem.com
F-5
PT65 series
Rotary code switches
Through-hole
F
PT65
SERIES
Actuators
1
Screwdriver
3
Spindle
5
Segment wheel
7
Accessories
Terminals
(none)
Straight
L254
Right angle,
spacing 2,54 (.100)
L508
Right angle,
spacing 5,08 (.200)
Codes
01
BCD
02
BCD complement
03
Hexadecimal
06
Hexadecimal complement
ELECTRICAL SPECIFICATIONS
• Operating voltage : 24 VDC max.
• Contact load, static : 400mA max.
• Contact load, dynamic : 150mA max.
• Initial contact resistance : 80 m
Ω max.
• Insulation resistance : 100 M
Ω min.
MECHANICAL AND THERMAL SPECS
• Torque : 0,7 Ncm min.
• Expected life : 10.000 cycles min.
• Operating temperature :
-20°C to +70°C
SOLDER RECOMMENDATIONS
(DIN CEI 68-2-20)
• Manual soldering : 340°C max.for
2 seconds max.
• Wave soldering : 260°C max. for
10 seconds max.
DIMENSIONS
Screwdriver slot, straight terminals
MATERIALS
• Base : UL94-V0, high temperature thermoplastic
• Cover : UL94-V0, high temperature thermoplastic, grey
• Actuator : PA 4.6 nylon
• Contacts : gold over nickel plated phosphor bronze
• Terminals : tin plated
PACKAGING
• Switches for screwdriver slot or accessory actuation (PT651 and PT657) :
tubes of 50 pieces
• Switches with spindle (PT653) or segment wheel (PT655) : candy trays of
50 pieces
• Accessories : bags of 50 pieces
Dimensions
: first dimensions are in mm while inches are shown as bracketted numbers.
0.55
(.022)
10.00
4.00
(.157)
(.393)
9
1
0
0.27
(.011)
7.62
(.300)
(.100)
2.54
18
CC
42
4 actuator types
Save board space
Highly reliable
Solder and flux sealed, washable
CR65
series,
with
a blue
case,
outside
the US
and
the UK.
UG1006-A


Similar Part No. - PT65103L254

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT65103L254 ETC2-PT65103L254 Datasheet
211Kb / 3P
   Rotary code switches
More results

Similar Description - PT65103L254

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
153155011 WINCHESTER-153155011 Datasheet
98Kb / 2P
   Specialty Types
logo
Mitsubishi Electric Sem...
M56789FP MITSUBISHI-M56789FP Datasheet
632Kb / 15P
   4 CHANNEL ACTUATOR DRIVER
M56782FP MITSUBISHI-M56782FP Datasheet
275Kb / 9P
   4 CHANNEL ACTUATOR DRIVER
M56759FP MITSUBISHI-M56759FP Datasheet
381Kb / 11P
   4-CHANNEL ACTUATOR DRIVER
logo
Hammond Manufacturing L...
MHK HAMMOND-MHK Datasheet
52Kb / 1P
   Jeux de poignees de types 4 et 4X
logo
Laird Tech Smart Techno...
SQ2403PG LSTD-SQ2403PG Datasheet
393Kb / 1P
   Connector types optional
logo
IXYS Corporation
IXDN0036 IXYS-IXDN0036 Datasheet
963Kb / 41P
   Several lamp types
logo
OPTEK Technologies
OPL560 OPTEK-OPL560 Datasheet
516Kb / 4P
   PHOTOLOGIC SENSORS TYPES
logo
NXP Semiconductors
ECG10 PHILIPS-ECG10 Datasheet
158Kb / 1P
   Bi-Polar Types
logo
PHOENIX CONTACT
1692792 PHOENIX-1692792 Datasheet
121Kb / 9P
   Sensor/actuator box - SACB-4/ 4-M23
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com