Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM12B-433S1P Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # RFM12B-433S1P
Description  UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RFM12B-433S1P Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button RFM12B-433S1P Datasheet HTML 3Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 4Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 5Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 6Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 7Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 8Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 9Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 10Page - List of Unclassifed Manufacturers RFM12B-433S1P Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
RFM12B
Datasheet REV2.0
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com
http://www.hoperf.com
Module Model Definition
model=module type+operation band+module package type+ core chip package type
RFM12B – 433
D
P
module type
operation band
module package type
core chip package type
example:
1,RFM12B-433D : RFM12B module at 433MHz band, DIP module, die chip.
2,RFM12B-433DP : RFM12B module at 433MHz band, DIP module, package chip.
3,RFM12B-868S1 : RFM12B module at 868MHZ band, SMD module, thickness at 4.2mm,die chip.
4,RFM12B-868S1P: RFM12B module at 868MHZ band, SMD module, thickness at 4.2mm, package chip.
5,RFM12B-915S2 : RFM12B module at 915MHZ band, SMD module, thickness at 2.2mm,die chip.
6,RFM12B-915S2P: RFM12B module at 868MHZ band, SMD module, thickness at 4.2mm, package chip.
Module model
operation band
module package type
core chip package type
RFM12B-433D
433MHz
DIP
Die
RFM12B-433DP
433MHz
DIP
16pin TSSOP
RFM12B-433S1
433MHz
SMD, thickness at 4.2mm
Die
RFM12B-433S1P
433MHz
SMD, thickness at 4.2mm
16pin TSSOP
RFM12B-433S2
433MHz
SMD, thickness at 2.2mm
Die
RFM12B-433S2P
433MHz
SMD, thickness at 2.2mm
16pin TSSOP
RFM12B-868D
868MHz
DIP
Die
RFM12B-868DP
868MHz
DIP
16pin TSSOP
RFM12B-868S1
868MHz
SMD, thickness at 4.2mm
Die
RFM12B-868S1P
868MHz
SMD, thickness at 4.2mm
16pin TSSOP
RFM12B-868S1
868MHz
SMD, thickness at 2.2mm
Die
RFM12B-868S1P
868MHz
SMD, thickness at 2.2mm
16pin TSSOP
RFM12B-915D
915MHz
DIP
Die
RFM12B-915DP
915MHz
DIP
16pin TSSOP
RFM12B-915S1
915MHz
SMD, thickness at 4.2mm
Die
RFM12B-915S1P
915MHz
SMD, thickness at 4.2mm
16pin TSSOP
RFM12B-915S2
915MHz
SMD, thickness at 2.2mm
Die
RFM12B-915S2P
915MHz
SMD, thickness at 2.2mm
16pin TSSOP
All RFM12B module model and description


Similar Part No. - RFM12B-433S1P

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM12B-433-DP HOPE-RFM12B-433-DP Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
RFM12B-433-S1P HOPE-RFM12B-433-S1P Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
More results

Similar Description - RFM12B-433S1P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM12BP ETC2-RFM12BP Datasheet
339Kb / 8P
   UNIVERSAL ISM BAND FSK TRANSCEIVER MODULE
RFM12B ETC2-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
IA4420 ETC1-IA4420 Datasheet
611Kb / 29P
   Universal ISM Band FSK Transceiver
logo
HOPE Microelectronics C...
RFM12B HOPE-RFM12B Datasheet
1Mb / 41P
   Universal ISM Band FSK Transceiver
logo
List of Unclassifed Man...
SI4420-D1-FT ETC2-SI4420-D1-FT Datasheet
620Kb / 33P
   Si4420 Universal ISM Band FSK Transceiver
RFM02 ETC2-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM01 ETC2-RFM01 Datasheet
537Kb / 31P
   Universal ISM Band FSK Receiver
logo
HOPE Microelectronics C...
RFM02 HOPE-RFM02 Datasheet
1Mb / 24P
   Universal ISM Band FSK Transmitter
RFM50 HOPE-RFM50 Datasheet
244Kb / 8P
   ISM Band Transceiver Module
logo
Analog Devices
ADF7020BCPZ AD-ADF7020BCPZ Datasheet
719Kb / 48P
   High Performance, ISM Band, FSK/ASK Transceiver IC
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com