Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5181CS-T7 Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL5181CS-T7
Description  8ns High-Speed Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5181CS-T7 Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL5181CS-T7 Datasheet HTML 3Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 4Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 5Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 6Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 7Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 8Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 9Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 10Page - Elantec Semiconductor EL5181CS-T7 Datasheet HTML 11Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
EL5181C
8ns High-Speed Comparator
times greater than the input bias current of the
comparator:
Let the hysteresis be VH, and calculate R3:
where:
VO=VSD-0.8V (swing of the output)
Recalculate R2 to maintain the same value of VTH:
Non inverting comparator with hysteresis:
R3 adds a portion of the output to the positive input.
Note that the current through R3 should be much greater
than the input bias current in order to minimize errors.
The calculation of the resistor values as follows:
Pick the value of R1. R1 should be small (less than 1kΩ)
in order to minimize the propagation delay time.
Choose the hysteresis VH and calculate R3:
Check the current through R3 and make sure that it is
much greater than the input bias current as follows:
The above two methods will generate hysteresis of up to
a few hundred millivolts. Beyond that, the impedance of
R3 is low enough to affect the bias string and adjustment
of R1 may be required.
Power Dissipation
When switching at high speeds, the comparator's drive
capability is limited by the rise in junction temperature
caused by the internal power dissipation. For reliable
operation, the junction temperature must be kept below
TJMAX (125°C).
An approximate equation for the device power dissipa-
tion is as follows. Assume the power dissipation in the
load is very small:
where:
VS is the analog supply voltage from VS+ to VS-
IS is the analog quiescent supply current per comparator
VSD is the digital supply voltage from VSD to ground
ISD is the digital supply current per comparator
ISD strongly depends on the input switching frequency.
Please refer to the performance curve to choose the input
driving frequency. Having obtained the power dissipa-
tion, the maximum junction temperature can be
determined as follows:
where:
TMAX is the maximum ambient temperature
θJA is the thermal resistance of the package
Threshold Detector
The inverting input is connected to a reference voltage
and the non-inverting input is connected to the input. As
the input passes the VREF threshold, the comparator's
V
TH
V
REF
R
1
R
1
R
2
+
-------------------
×
=
R
3
V
O
V
H
--------R
1
(
R
2 )
||
×
=
R
2
1V
REF
(
V
TH )
V
TH
R
1
-----------
÷
V
TH
0.5V
SD
R
3
-------------------------------------
+
=
+
-
R3
VIN
VREF
R1
R
3
V
(
SD
0.8
)
R
1
V
H
--------
×
=
I
0.5V
SD
V
REF
R
3
----------------------------------------
=
P
DISS
V
S
I
S
V
SD
I
SD )
×
+
×
(
=
T
JMAX
T
MAX
Θ
JA
P
DISS
×
+
=


Similar Part No. - EL5181CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5181CS-T7 INTERSIL-EL5181CS-T7 Datasheet
106Kb / 9P
   8ns High-Speed Comparator
More results

Similar Description - EL5181CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
   8ns High-Speed Comparator
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Elantec Semiconductor
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
   Quad 8ns High-Speed Comparators
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com