Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5185CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL5185CS
Description  4ns High-Speed Comparator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5185CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL5185CS Datasheet HTML 1Page - Elantec Semiconductor EL5185CS Datasheet HTML 2Page - Elantec Semiconductor EL5185CS Datasheet HTML 3Page - Elantec Semiconductor EL5185CS Datasheet HTML 4Page - Elantec Semiconductor EL5185CS Datasheet HTML 5Page - Elantec Semiconductor EL5185CS Datasheet HTML 6Page - Elantec Semiconductor EL5185CS Datasheet HTML 7Page - Elantec Semiconductor EL5185CS Datasheet HTML 8Page - Elantec Semiconductor EL5185CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
EL5185C - Preliminary
4ns High-Speed Comparator
Typical Performance Curves
Output with 50MHz Input
VIN=1VP-P
Output with 50MHz Input
VIN=3VP-P
Output
(5ns/div,
2V/div)
Input
(5ns/div,
0.5V/div)
Output
(5ns/div,
2V/div)
Input
(5ns/div,
2V/div)
Propagation Delay vs Load Capacitance
VIN=1VSTEP
0
10
30
40
50
80
100
9
5
CLOAD (pF)
20
8.5
6.5
5.5
7.5
8
6
7
60
90
70
VS=±5V
VSD=5V
VOD=50mV
RL=2.2k
TPD-
TPD+
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
0.7
0
0.5
0.3
0.2
0.1
0.6
0.4
0
125
100
75
50
25
Ambient Temperature (°C)
150
85
625mW
160
°C/W
SO
8


Similar Part No. - EL5185CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5185CS INTERSIL-EL5185CS Datasheet
100Kb / 9P
   4ns High-Speed Comparator
EL5185CS-T13 INTERSIL-EL5185CS-T13 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
EL5185CS-T7 INTERSIL-EL5185CS-T7 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
More results

Similar Description - EL5185CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5185 INTERSIL-EL5185 Datasheet
100Kb / 9P
   4ns High-Speed Comparator
EL5285I INTERSIL-EL5285I Datasheet
136Kb / 9P
   Dual 4ns High-Speed Comparator
EL5287 INTERSIL-EL5287 Datasheet
136Kb / 8P
   Window 4ns High-Speed Comparator
logo
Elantec Semiconductor
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
logo
Intersil Corporation
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
logo
Elantec Semiconductor
EL5285C ELANTEC-EL5285C Datasheet
303Kb / 11P
   Dual and Window 4ns High-Speed Comparators
EL5287C ELANTEC-EL5287C Datasheet
98Kb / 10P
   Dual and Window 4ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
   High Speed Comparator
LT685 LINER-LT685 Datasheet
248Kb / 4P
   High Speed Comparator
LT685 LINER-LT685_15 Datasheet
104Kb / 8P
   High Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com