Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLB9012-1R0ML Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # RLB9012-1R0ML
Description  RLB9012 Radial Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RLB9012-1R0ML Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  RLB9012-1R0ML Datasheet HTML 1Page - Bourns Electronic Solutions RLB9012-1R0ML Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RLB9012 Radial Inductor
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
REV. 05/12
Packaging: 200 pieces per bag
Electrical Characteristics (Continued)
BOURNS Part No.
Inductance
Q
Test freq. (MHz)
SRF
RDC
IDC
(µH)
ref.
LQ
(MHz) min.
(ohms) max.
(A) max.
RLB9012-680KL
68.0 ± 10 %
30
1K
2.52
4.90
0.210
1.36
RLB9012-820KL
82.0 ± 10 %
30
1K
2.52
4.10
0.230
1.30
RLB9012-101KL
100.0 ± 10 %
20
1K
0.796
3.70
0.280
1.40
RLB9012-121KL
120.0 ± 10 %
20
1K
0.796
3.40
0.320
1.25
RLB9012-151KL
150.0 ± 10 %
20
1K
0.796
3.20
0.370
1.15
RLB9012-181KL
180.0 ± 10 %
20
1K
0.796
2.80
0.580
1.08
RLB9012-221KL
220.0 ± 10 %
20
1K
0.796
2.70
0.650
1.00
RLB9012-271KL
270.0 ± 10 %
20
1K
0.796
2.40
0.750
0.90
RLB9012-331KL
330.0 ± 10 %
20
1K
0.796
2.30
0.850
0.78
RLB9012-391KL
390.0 ± 10 %
20
1K
0.796
2.10
1.000
0.74
RLB9012-471KL
470.0 ± 10 %
20
1K
0.796
1.90
1.100
0.68
RLB9012-561KL
560.0 ± 10 %
20
1K
0.796
1.80
1.400
0.64
RLB9012-681KL
680.0 ± 10 %
20
1K
0.796
1.60
1.600
0.59
RLB9012-821KL
820.0 ± 10 %
20
1K
0.796
1.50
1.800
0.56
RLB9012-102KL
1000.0 ± 10 %
20
1K
0.252
1.30
2.900
0.51
RLB9012-122KL
1200.0 ± 10 %
15
1K
0.252
1.20
3.400
0.48
RLB9012-152KL
1500.0 ± 10 %
15
1K
0.252
1.10
3.800
0.43
RLB9012-182KL
1800.0 ± 10 %
15
1K
0.252
1.00
5.300
0.39
RLB9012-222KL
2200.0 ± 10 %
15
1K
0.252
0.80
5.900
0.36
RLB9012-272KL
2700.0 ± 10 %
15
1K
0.252
0.70
8.200
0.32
RLB9012-332KL
3300.0 ± 10 %
15
1K
0.252
0.60
9.100
0.29
RLB9012-392KL
3900.0 ± 10 %
15
1K
0.252
0.55
9.900
0.27
RLB9012-472KL
4700.0 ± 10 %
15
1K
0.252
0.50
13.60
0.24
RLB9012-562KL
5600.0 ± 10 %
15
1K
0.252
0.45
14.90
0.22
RLB9012-682KL
6800.0 ± 10 %
15
1K
0.252
0.40
20.70
0.20
RLB9012-822KL
8200.0 ± 10 %
15
1K
0.252
0.35
22.70
0.18
RLB9012-103KL
10,000 ± 10 %
15
1K
0.079
0.32
25.10
0.17
RLB9012-123KL
12,000 ± 10 %
15
1K
0.079
0.28
34.70
0.15
RLB9012-153KL
15,000 ± 10 %
15
1K
0.079
0.25
48.90
0.14
RLB9012-183KL
18,000 ± 10 %
15
1K
0.079
0.23
53.60
0.12
RLB9012-103KL
10,000 ± 10 %
15
1K
0.079
0.32
25.10
0.17
RLB9012-123KL
12,000 ± 10 %
15
1K
0.079
0.28
34.70
0.15
RLB9012-153KL
15,000 ± 10 %
15
1K
0.079
0.25
48.90
0.14
RLB9012-183KL
18,000 ± 10 %
15
1K
0.079
0.23
53.60
0.12
RLB9012-223KL
22,000 ± 10 %
15
1K
0.079
0.21
59.30
0.11
RLB9012-273KL
27,000 ± 10 %
15
1K
0.079
0.19
82.70
0.10
RLB9012-323KL
33,000 ± 10 %
15
1K
0.079
0.17
91.50
0.09
RLB9012-393KL
39,000 ± 10 %
15
1K
0.079
0.15
125.50
0.08
RLB9012-473KL
47,000 ± 10 %
15
1K
0.079
0.12
137.80
0.08


Similar Part No. - RLB9012-1R0ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB9012-1R0ML BOURNS-RLB9012-1R0ML Datasheet
136Kb / 2P
   RLB9012 Radial Inductor
More results

Similar Description - RLB9012-1R0ML

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RLB9012-152KL BOURNS-RLB9012-152KL Datasheet
136Kb / 2P
   RLB9012 Radial Inductor
logo
ABC Taiwan Electronics ...
RC1008100ML ABC-RC1008100ML Datasheet
308Kb / 4P
   RADIAL INDUCTOR
logo
Bourns Electronic Solut...
RL895 BOURNS-RL895 Datasheet
245Kb / 1P
   RADIAL INDUCTOR
logo
ABC Taiwan Electronics ...
RB1014101KL ABC-RB1014101KL Datasheet
118Kb / 5P
   RADIAL INDUCTOR
RB0712100KL ABC-RB0712100KL Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RB1010101 ABC-RB1010101 Datasheet
104Kb / 4P
   RADIAL INDUCTOR
RB13143R3ML ABC-RB13143R3ML Datasheet
347Kb / 4P
   RADIAL INDUCTOR
RH09121R5ML ABC-RH09121R5ML Datasheet
410Kb / 6P
   RADIAL INDUCTOR
RB09121R5ML ABC-RB09121R5ML Datasheet
119Kb / 5P
   RADIAL INDUCTOR
RC1010100ML ABC-RC1010100ML Datasheet
338Kb / 4P
   RADIAL INDUCTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com