Electronic Components Datasheet Search |
|
RP15-2412DAWP-HC Datasheet(PDF) 3 Page - Recom International Power |
|
RP15-2412DAWP-HC Datasheet(HTML) 3 Page - Recom International Power |
3 / 5 page Specifications (typical at nominal input and 25°C unless otherwise noted) POWERLINE DC/DC-Converter RP15-S_DAW Series Vibration 10-55Hz, 10G, 30 Min. along X, Y and Z Relative Humidity 5% to 95% RH Case Material Nickel plated copper Base Material FR4 PCB Potting Material Epoxy (UL94-V0) Conducted Emissions (7) EN55022 Class A Radiated Emissions EN55022 Class A ESD EN61000-4-2 Perf. Criteria A Radiated Immunity EN61000-4-3 Perf. Criteria A Fast Transient EN61000-4-4 Perf. Criteria A Surge (8) EN61000-4-5 Perf. Criteria A Conducted Immunity EN61000-4-6 Perf. Criteria A Weight 15g Packing Quantity Refer to App Notes for tube dimensions 8 pcs per Tube Dimensions 25.4 x 25.4 x 9.9mm MTBF (9) Bellcore TR-NWT-000332 1330 x 103 hours MIL-HDBK 217F 563 x 103 hours 1. Values at nominal input voltage and no load/full load. 2. Typical Value at nominal input voltage and full load. 3. Test by minimum Vin and constant resistor load. 4. Simulated source impedance of 12µH. 12µH inductor in series with +Vin. 5. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input. Positive logic ON/OFF is marked with suffix-P (eg. RP15-2405SAW/P) Negative logic ON/OFF is marked with suffix-N (eg. RP15-2405SAW/N). If no suffix is specified, the control pin will be omitted. 6. Optional Heat-sink P/N is 7G-0047-C. Powerline DC/DC Converters can be ordered with pre-mounted heatsinks including antivibration fixing clips (add suffix -HC). See Application Notes for heatsink details. 7. Meets Class A with external input capacitors shown below. Will meet Class B with external common mode filter (see Application Notes) 8. Requires external capacitor to meet EN61000-4-5: 220µF/100V, low ESR (48mOhm) 9. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C. MIL-HDBK 217F Notice 2. Ta = 25°C, full load, (Ground Benign, controlled environment). Notes : Trim Up RU Trim Down RD 5 6 5 4 External Output Trimming (optional) With /CTRL suffix, output can be externally trimmed by using the method shown here. See Application Notes for details. REV:0/2014 P-47 www.recom-international.com |
Similar Part No. - RP15-2412DAWP-HC |
|
Similar Description - RP15-2412DAWP-HC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |