Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-2412SAWN Datasheet(PDF) 4 Page - Recom International Power

Part # RP15-2412SAWN
Description  Ultraminiature 25.4 x25.4x9.9mm Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-2412SAWN Datasheet(HTML) 4 Page - Recom International Power

  RP15-2412SAWN Datasheet HTML 1Page - Recom International Power RP15-2412SAWN Datasheet HTML 2Page - Recom International Power RP15-2412SAWN Datasheet HTML 3Page - Recom International Power RP15-2412SAWN Datasheet HTML 4Page - Recom International Power RP15-2412SAWN Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
POWERLINE
DC/DC-Converter
RP15-S_DAW
Series
Package Style and Pinning (mm)
20.32
2.54
1.60ø+0.15/–0
2.54
25.40
5.60
9.9
5.08
2.54
1
4
6
2
20.32
25.40
1.0 dia
5.08
2.54
2.54
1
4
6
2
10.16
10.16
5
3
2.54
20.32
Top View
Bottom View
Standard
Bottom View
/CTRL Option
EMC Filtering - For Class B filter suggestion, see Application Notes
Class A Filter
+
+
C2
Output
C1
Input
Fuse
Vin=24V: C1=6.8µF/50V 1812 MLCC, C2 omitted.
Vin=48V: C1, C2 = 2.2µF/100V 1812 MLCC
Footprint Details
Typical Characteristics
Pin Connections
Pin #
Single
Single/
Dual
Dual/
P or /N
P or /N
1
+Vin
+Vin
+Vin
+Vin
2
-Vin
-Vin
-Vin
-Vin
3
no pin
CTRL
no pin
CTRL
4
+Vout
+Vout
+Vout
+Vout
5
no pin
Trim
Com
Com
6
-Vout
-Vout
-Vout
-Vout
Case Tolerance ±0.5 mm
Pin Pitch Tolerance ±0.25 mm
30
18
48
Efficiency VS Input Voltage
36 42
24
54 60 66
70
72
74
76
78
80
82
84
86
88
90
Input Voltage (V)
72
25
0
75
Efficiency VS Output load
50
100
40
45
50
55
60
65
70
75
80
85
90
Output Load (%)
RP15-4805SAW
RP15-4805SAW
REV: 0/2014
www.recom-power.com
P-48
The product information and specifications are subject to change without prior notice. All products are designed for non-safety critical commercial and industrial applications.
The Buyer agrees to implement safeguards that anticipate the consequences of any failures that might cause harm, loss of life and/or damage property.


Similar Part No. - RP15-2412SAWN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-2412SAW RECOM-RP15-2412SAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
More results

Similar Description - RP15-2412SAWN

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
   OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
logo
MORNSUN Science& Techno...
D050505T-1W MORNSUN-D050505T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
D050505T-2W MORNSUN-D050505T-2W Datasheet
121Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
ILSI America LLC
I414 ILSI-I414 Datasheet
85Kb / 2P
   Surface Mount Oscillator, OCXO FR-4 Package, 25.4 mm X 22.1 mm
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com