Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-4805DAWN-HC Datasheet(PDF) 1 Page - Recom International Power

Part # RP15-4805DAWN-HC
Description  Ultraminiature 25.4 x25.4x9.9mm Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-4805DAWN-HC Datasheet(HTML) 1 Page - Recom International Power

  RP15-4805DAWN-HC Datasheet HTML 1Page - Recom International Power RP15-4805DAWN-HC Datasheet HTML 2Page - Recom International Power RP15-4805DAWN-HC Datasheet HTML 3Page - Recom International Power RP15-4805DAWN-HC Datasheet HTML 4Page - Recom International Power RP15-4805DAWN-HC Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
15 Watt
Single &
Dual Output
Ultraminiature 25.4 x25.4x9.9mm Package
15 Watts Output Power
Single or Dual Outputs
Wide 4:1 Input Voltage Range
1.6kVDC Isolation
Fixed Operating Frequency
Six-Sided Continuous Shield
Industry Standard Pinout
Remote On/Off and Trim pins
Efficiency to 87 %
Features
Selection Guide 24V and 48V Input Types
Part Number
Input
Output
Output
Input
(1)
Efficiency
(2)
Capacitive
(3)
Range
Voltage
Current
Current
Load max.
VDC
VDC
mA
mA
%
RP15-243.3SAW**
9-36
3.3
4000
50/688
86
1000µF
RP15-2405SAW**
9-36
5
3000
70/762
86
1000µF
RP15-2412SAW**
9-36
12
1300
20/783
87
330µF
RP15-2415SAW**
9-36
15
1000
20/753
87
220µF
RP15-483.3SAW**
18-75
3.3
4000
40/336
86
1000µF
RP15-4805SAW**
18-75
5
3000
40/382
86
1000µF
RP15-4812SAW**
18-75
12
1300
15/392
87
330µF
RP15-4815SAW**
18-75
15
1000
15/377
87
220µF
RP15-2405DAW**
9-36
±5
±1500
20/772
85
±500µF
RP15-2412DAW**
9-36
±12
±625
25/753
87
±150µF
RP15-2415DAW**
9-36
±15
±500
25/744
88
±100µF
RP15-4805DAW**
18-75
±5
±1500
15/386
85
±500µF
RP15-4812DAW**
18-75
±12
±625
15/382
86
±150µF
RP15-4815DAW**
18-75
±15
±500
15/377
87
±100µF
** Standard part is without suffixes and Trim and CTRL pins are not fitted.
* add suffix /P for CTRL function with positive logic (1=ON, 0=OFF) including trim pin for single output
* add suffix /N for CTRL function with negative logic (0=ON, 1=OFF) including trim pin for single output
* add suffix -HC for premounted heatsink and clips
Ordering Examples
RP15-2405SAW/P
= 24V 4:1 Input, 5V Output, Positive Logic CTRL pin and Trim pin fitted.
RP15-4805DAW-HC = 48V 4:1 Input, ±5V Output, Premounted Heatsink
RP15-483.3DAW/N = 48V 4:1 Input, ±5V Output, Negative Logic CTRL pin
(no trim pin with dual output)
The RP15-SAW series are ultraminiature wide input voltage range power DC/DC
converters in a case half the size of industry standard 15W converters.
Despite their small size, the RP15-SAW converters are fully specified devices with
output currents up to 4 Amps, no minimum load, 1600VDC isolation and low
ripple/noise figures.
The outputs are also fully protected against short circuits, overcurrent and overvoltage.
The RP15-SAW series will find many uses in applications where board space and/or
board height is at a premium.
Description
Please Read Application Notes
UL-60950-1 Certified
E196683
REV:0/2014
P-45
www.recom-international.com
RP15-AW
POWERLINE
DC/DC-Converter
with 3 year Warranty
RoHS
2011/65/EU
6/6
125
75
50
25
0
100
A bi t T
t
R
(°C)
-40
-10 0
50
70 80 90 100
60
Natural Convection
-25
125
75
50
25
0
100
Ambient Temperature Range (°C)
-40
-10 0
50 60
80 90 100
66
Natural Convection
-25
70
RP15-4805SAW
RP15-4805SAW With Heat Sink
Derating graphs are valid only for the shown part numbers.
If you need detailed derating-information about a part-number
not shown here please contact our technical support service
at info@recom-development.at
Derating Graph
(Ambient Temperature)


Similar Part No. - RP15-4805DAWN-HC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-4805DAW RECOM-RP15-4805DAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
More results

Similar Description - RP15-4805DAWN-HC

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
   OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
logo
MORNSUN Science& Techno...
D050505T-1W MORNSUN-D050505T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
D050505T-2W MORNSUN-D050505T-2W Datasheet
121Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
ILSI America LLC
I414 ILSI-I414 Datasheet
85Kb / 2P
   Surface Mount Oscillator, OCXO FR-4 Package, 25.4 mm X 22.1 mm
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com