Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROV20H511K Datasheet(PDF) 1 Page - Tyco Electronics

Part # ROV20H511K
Description  20mm Series Metal Oxide Varistors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ROV20H511K Datasheet(HTML) 1 Page - Tyco Electronics

  ROV20H511K Datasheet HTML 1Page - Tyco Electronics ROV20H511K Datasheet HTML 2Page - Tyco Electronics ROV20H511K Datasheet HTML 3Page - Tyco Electronics ROV20H511K Datasheet HTML 4Page - Tyco Electronics ROV20H511K Datasheet HTML 5Page - Tyco Electronics ROV20H511K Datasheet HTML 6Page - Tyco Electronics ROV20H511K Datasheet HTML 7Page - Tyco Electronics ROV20H511K Datasheet HTML 8Page - Tyco Electronics ROV20H511K Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ROV20, ROV20H, ROV20E
20mm Series Metal Oxide Varistors
Raychem
Overvoltage Devices
www.tycopowercomponents.com
Document: SCD 25484
Status: Released
Rev. A June 30, 2003
Tyco Electronics Corporation 308 Constitution Drive, Menlo Park, CA 94025 Tel: (800) 227-4856 Fax: (800) 227-4866
1 of 11
GENERAL DESCRIPTION
The ROV20-XXX (Radial-leaded Metal Oxide Varistor)
products are 20mm radial leaded varistor devices
suitable for protection of overvoltage transients.
ROV devices can provide protection for a wide variety
of power systems against overvoltage faults such as
lightning, power contact and power induction. Suitable
for a broad range of applications including, but not
limited to security, power supplies, surge strips, etc.,
the ROV device helps to protect valuable equipment
from potential power surge damage by clamping high
energy, short duration impulses. The ROV devices
have high current handling and energy absorption
capability and fast response times to help protect
against transient faults.
FEATURES
Radial leaded
Broad Varistor voltage and Vrms range
Varistor voltage : 18V - 1800V
Vrms voltage
: 11V - 1000V
Three surge capability series
Standard series, High surge series,
Extra high surge series
Various lead types
Straight, Kinked, Other
Various packaging options
Bulk, Tape & Reel, Ammo Pack
Helps designers meet the following standards
UL, CSA, VDE
Fast response time
High current and energy absorption capability
APPLICATIONS
Power supplies and power systems
Line voltage
Telecommunications systems
Automotive systems
Appliances
TYPICAL APPLICATION SCHEMATIC
Protected
device
*
*In some applications, a polymeric PTC device such as a Tyco Electronics PolySwitch device may be used instead of a
fuse to provide a preferred solution.


Similar Part No. - ROV20H511K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20H112K MACOM-ROV20H112K Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20H151K-S-2 MACOM-ROV20H151K-S-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20H181K-2 MACOM-ROV20H181K-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20H241K-2 MACOM-ROV20H241K-2 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
ROV20H241K-AP MACOM-ROV20H241K-AP Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
More results

Similar Description - ROV20H511K

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ROV20 MACOM-ROV20 Datasheet
610Kb / 11P
   20mm Series Metal Oxide Varistors
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com