Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPR-000912-500S00 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAPR-000912-500S00
Description  Avionics Pulsed Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPR-000912-500S00 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAPR-000912-500S00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPR-000912-500S00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPR-000912-500S00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPR-000912-500S00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Avionics Pulsed Power Transistor
500W, 960-1215 MHz, 10µs Pulse, 10% Duty
MAPR-000912-500S00
M/A-COM Products
Released, 30 May 07
3
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
RF Power Transfer Curve
(Output Power Vs. Input Power)
300
400
500
600
700
40
50
60
70
80
Input Power (watts)
960 MHz
1090 MHz
1215 MHz
F (MHz)
ZIF (Ω)
ZOF (Ω)
960
1.3 - j1.4
1.2 - j1.4
1025
1.3 - j1.1
1.2 - j1.1
1090
1.2 - j0.9
1.3 - j0.9
1150
1.2 - j0.8
1.4 - j0.7
1215
1.0 - j0.8
1.3 - j0.6
Broadband Test Fixture Impedance


Similar Part No. - MAPR-000912-500S00

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPR-000912-500S00 MACOM-MAPR-000912-500S00 Datasheet
122Kb / 4P
   AVIONICS PULSED POWER TRANSISTOR 500 WATTS, 960-1215 MHz, 10us PULSE, 10% DUTY
logo
M/A-COM Technology Solu...
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor 500W, 960-1215 MHz, 10關s Pulse, 10% Duty
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00_15 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00_17 Datasheet
632Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - MAPR-000912-500S00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPR-000912-500S00 MA-COM-MAPR-000912-500S00_15 Datasheet
126Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST1030-1KS MA-COM-MAPRST1030-1KS_15 Datasheet
142Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-350L MA-COM-PH1090-350L_15 Datasheet
153Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST0912-350 MA-COM-MAPRST0912-350 Datasheet
122Kb / 4P
   Avionics Pulsed Power Transistor
MAPRST0912-50 MA-COM-MAPRST0912-50 Datasheet
160Kb / 4P
   Avionics Pulsed Power Transistor
MAPR-001090-350S00 MA-COM-MAPR-001090-350S00_15 Datasheet
118Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-175L MA-COM-PH1090-175L_17 Datasheet
673Kb / 5P
   Avionics Pulsed Power Transistor
PH1090-700B MA-COM-PH1090-700B_17 Datasheet
700Kb / 5P
   Avionics Pulsed Power Transistor
PH1090-15L MA-COM-PH1090-15L_17 Datasheet
667Kb / 5P
   Avionics Pulsed Power Transistor
PH1090-700B MA-COM-PH1090-700B Datasheet
199Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-175L MA-COM-PH1090-175L_15 Datasheet
144Kb / 4P
   Avionics Pulsed Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com