Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RP15-483.3SAWN Datasheet(PDF) 3 Page - Recom International Power

Part # RP15-483.3SAWN
Description  Ultraminiature 25.4 x25.4x9.9mm Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP15-483.3SAWN Datasheet(HTML) 3 Page - Recom International Power

  RP15-483.3SAWN Datasheet HTML 1Page - Recom International Power RP15-483.3SAWN Datasheet HTML 2Page - Recom International Power RP15-483.3SAWN Datasheet HTML 3Page - Recom International Power RP15-483.3SAWN Datasheet HTML 4Page - Recom International Power RP15-483.3SAWN Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Specifications (typical at nominal input and 25°C unless otherwise noted)
POWERLINE
DC/DC-Converter
RP15-S_DAW
Series
Vibration
10-55Hz, 10G, 30 Min. along X, Y and Z
Relative Humidity
5% to 95% RH
Case Material
Nickel plated copper
Base Material
FR4 PCB
Potting Material
Epoxy (UL94-V0)
Conducted Emissions
(7)
EN55022
Class A
Radiated Emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria A
Radiated Immunity
EN61000-4-3
Perf. Criteria A
Fast Transient
EN61000-4-4
Perf. Criteria A
Surge
(8)
EN61000-4-5
Perf. Criteria A
Conducted Immunity
EN61000-4-6
Perf. Criteria A
Weight
15g
Packing Quantity
Refer to App Notes for tube dimensions
8 pcs per Tube
Dimensions
25.4 x 25.4 x 9.9mm
MTBF
(9)
Bellcore TR-NWT-000332
1330 x 103 hours
MIL-HDBK 217F
563 x 103 hours
1. Values at nominal input voltage and no load/full load.
2. Typical Value at nominal input voltage and full load.
3. Test by minimum Vin and constant resistor load.
4. Simulated source impedance of 12µH. 12µH inductor in series with +Vin.
5. The ON/OFF control function can be positive or negative logic. The pin voltage is referenced to negative input.
Positive logic ON/OFF is marked with suffix-P (eg. RP15-2405SAW/P)
Negative logic ON/OFF is marked with suffix-N (eg. RP15-2405SAW/N).
If no suffix is specified, the control pin will be omitted.
6. Optional Heat-sink P/N is 7G-0047-C. Powerline DC/DC Converters can be ordered with pre-mounted heatsinks including antivibration fixing clips
(add suffix -HC). See Application Notes for heatsink details.
7. Meets Class A with external input capacitors shown below. Will meet Class B with external common mode filter (see Application Notes)
8. Requires external capacitor to meet EN61000-4-5: 220µF/100V, low ESR (48mOhm)
9. BELLCORE TR-NWT-000332. Case l: 50% Stress, Temperature at 40°C.
MIL-HDBK 217F Notice 2. Ta = 25°C, full load, (Ground Benign, controlled environment).
Notes :
Trim Up
RU
Trim Down
RD
5
6
5
4
External Output Trimming (optional)
With /CTRL suffix, output can be externally trimmed by
using the method shown here.
See Application Notes for details.
REV:0/2014
P-47
www.recom-international.com


Similar Part No. - RP15-483.3SAWN

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP15-483.3SAW RECOM-RP15-483.3SAW Datasheet
493Kb / 8P
   15 Watt Single & Dual Output
More results

Similar Description - RP15-483.3SAWN

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
OX-S TRANSKO-OX-S Datasheet
463Kb / 2P
   OCXO 25.4 X 22 X 13mm PACKAGE
Rev. 2: Mar. 2015
logo
MORNSUN Science& Techno...
D050505T-1W MORNSUN-D050505T-1W Datasheet
119Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
D050505T-2W MORNSUN-D050505T-2W Datasheet
121Kb / 2P
   TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Advanced Crystal Techno...
OX565 ACT-OX565 Datasheet
231Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
TAITIEN ELECTRONICS CO....
XO-0036-NA TAITIEN-XO-0036-NA Datasheet
431Kb / 1P
   25.4 x 25.4 mm Oven Controlled Crystal Oscillator
logo
Advanced Crystal Techno...
OX560 ACT-OX560 Datasheet
265Kb / 3P
   OCXO, Sine wave, HCMOS, LVTTL, 25.4 x 25.4 x 13.0mm
01/06/2017
logo
ILSI America LLC
I414 ILSI-I414 Datasheet
85Kb / 2P
   Surface Mount Oscillator, OCXO FR-4 Package, 25.4 mm X 22.1 mm
logo
RSG Electronic Componen...
B0505LT-2W RSG-B0505LT-2W Datasheet
106Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 2W SINGLE OUTPUT ULTRAMINIATURE SMD PACKAGE
logo
Rohm
RPI-125 ROHM-RPI-125 Datasheet
67Kb / 2P
   Photointerrupter, Ultraminiature type
RPI-122 ROHM-RPI-122_05 Datasheet
80Kb / 2P
   Photointerrupter, Ultraminiature type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com