Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPRST0002 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MAPRST0002
Description  Radar Pulsed Power Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPRST0002 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MAPRST0002 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPRST0002 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPRST0002 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Radar Pulsed Power Transistor
50W, 1.2-1.4 GHz, 150µs Pulse, 10% Duty
M/A-COM Products
Released, 30 May 07
MAPRST0002
2
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Typical RF Performance
F (GHz)
ZIF (Ω)
ZOF (Ω)
1.2
3.7 - j4.6
4.4 + j0.8
1.3
3.5 - j4.5
3.7 - j1.0
1.4
3.1 - j4.5
2.2 - j1.1
RF Test Fixture Impedance
Gain vs. Frequency
Collector Efficiency vs. Frequency
Freq.
(GHz)
Pin
(W)
Pout
(W)
Gain
(dB)
ΔGain
(dB)
Ic
(A)
Eff
(%)
RL
(dB)
VSWR-S
(1.5:1)
VSWR-T
(3:1)
P1dB Overdrive
Pout
Δ Po
1.2
5.6
62.0
10.44
-
2.61
59.4
-14.7
S
P
68.6
0.44
1.3
5.6
57.6
10.11
2.60
55.3
-20.6
S
P
70.5
0.88
1.4
5.6
57.1
10.07
2.31
61.9
-13.9
S
P
62.2
0.37
-
0.36
Note:
ΔPo(dB) is the difference between Pout at 1dB overdrive and Pout at Pin = 5.6W.
9.0
9.5
10.0
10.5
11.0
1.20
1.25
1.30
1.35
1.40
Freq (GHz)
45
50
55
60
65
1.20
1.25
1.30
1.35
1.40
Freq (GHz)


Similar Part No. - MAPRST0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPRST0002 MA-COM-MAPRST0002 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor 50W, 1.2-1.4 GHz, 150關s Pulse, 10% Duty
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor
More results

Similar Description - MAPRST0002

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
PH1214-0.85L MA-COM-PH1214-0.85L Datasheet
161Kb / 2P
   Radar Pulsed Power Transistor
MAPR-002729-170M00 MA-COM-MAPR-002729-170M00_15 Datasheet
111Kb / 3P
   Radar Pulsed Power Transistor
MAPRST0002 MA-COM-MAPRST0002_15 Datasheet
108Kb / 3P
   Radar Pulsed Power Transistor
PH3135-5M MA-COM-PH3135-5M_15 Datasheet
107Kb / 3P
   Radar Pulsed Power Transistor
PH3135-90S MA-COM-PH3135-90S_15 Datasheet
100Kb / 2P
   Radar Pulsed Power Transistor
PH1214-100EL MA-COM-PH1214-100EL_17 Datasheet
655Kb / 4P
   Radar Pulsed Power Transistor
PH1214-110M MA-COM-PH1214-110M_17 Datasheet
656Kb / 4P
   Radar Pulsed Power Transistor
PH1214-300M MA-COM-PH1214-300M_17 Datasheet
681Kb / 5P
   Radar Pulsed Power Transistor
PH1214-2M MA-COM-PH1214-2M_17 Datasheet
143Kb / 3P
   Radar Pulsed Power Transistor
PH1214-25M MA-COM-PH1214-25M_17 Datasheet
648Kb / 4P
   Radar Pulsed Power Transistor
MAPR-001214-380M MA-COM-MAPR-001214-380M_17 Datasheet
560Kb / 4P
   Radar Pulsed Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com