Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCQ06A06 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FCQ06A06
Description  Schottky Barrier Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FCQ06A06 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FCQ06A06 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBD
412
FCQ06A06
6A Avg.
Volts
60
FIG.6
■OUTLINE DRAWING(mm)
■定格・特性曲線
FIG.7
FIG.1
FIG.4
FIG.5
FIG.2
FIG.3
■電気的・熱的特性 Electrical/ Thermal Characteristics
■最大定格 Maximum Ratings
■APPROX. NET WEIGHT:1.75g
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Tc=104℃
6
実効順電流
R.M.S. Forward Current
I F(RMS)
6.6
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
締付トルク
Mounting torque
F tor
推奨値
Recommended Value
サージ順電流
Surge Forward Current
I FSM
80
50Hz正弦全波,1サイクル,非くり返し 
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
N・m
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
0.5
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
60
V
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
2
mA
5
℃/W
Symbol
I RM
R th(j-c)
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=3 A,
一素子あたり 
Per Diode
0.62
V
R th(c-f)
ケース・フィン間
Case to Fin
1.5
℃/W


Similar Part No. - FCQ06A06

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCQ06A06 ETC1-FCQ06A06 Datasheet
279Kb / 1P
   FCQ06A06
logo
National Instruments Co...
FCQ06A06 NI-FCQ06A06_15 Datasheet
272Kb / 1P
   SBD
More results

Similar Description - FCQ06A06

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com