Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPS-010165 Datasheet(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Part # MAPS-010165
Description  Digital Phase Shifter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAPS-010165 Datasheet(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

  MAPS-010165 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAPS-010165 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAPS-010165 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAPS-010165 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAPS-010165 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAPS-010165 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAPS-010165 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Digital Phase Shifter
6-Bit, 3.5 - 6.0 GHz
Rev. V2
MAPS-010165
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Serial Input Interface Timing Diagram
Functionality
Modes of Operation: Serial and Direct Parallel
Lead Free 4
mm 24-Lead PQFN
Reference Application Note S2083 for lead-free solder reflow recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.
Plating is 100% matte tin over copper.


Similar Part No. - MAPS-010165

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-010165 MA-COM-MAPS-010165 Datasheet
676Kb / 7P
   Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
MAPS-010165-001SMB MA-COM-MAPS-010165-001SMB Datasheet
676Kb / 7P
   Digital Phase Shifter 6-Bit, 3.5 - 6.0 GHz
MAPS-010165 MA-COM-MAPS-010165_15 Datasheet
676Kb / 7P
   Digital Phase Shifter
More results

Similar Description - MAPS-010165

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPS-011007 MA-COM-MAPS-011007 Datasheet
657Kb / 7P
   Digital Phase Shifter
MAPS-010166 MA-COM-MAPS-010166_15 Datasheet
1Mb / 8P
   Digital Phase Shifter
MAPS-010146 MA-COM-MAPS-010146_15 Datasheet
653Kb / 6P
   Digital Phase Shifter
MAPS-011007 MA-COM-MAPS-011007_15 Datasheet
657Kb / 7P
   Digital Phase Shifter
MAPS-010144 MA-COM-MAPS-010144_15 Datasheet
627Kb / 7P
   Digital Phase Shifter
MAPS-010163 MA-COM-MAPS-010163 Datasheet
667Kb / 7P
   Digital Phase Shifter
MAPS-010143 MA-COM-MAPS-010143 Datasheet
618Kb / 6P
   Digital Phase Shifter
MAPS-010145 MA-COM-MAPS-010145 Datasheet
672Kb / 6P
   Digital Phase Shifter
MAPS-010166 MA-COM-MAPS-010166 Datasheet
671Kb / 7P
   Digital Phase Shifter
MAPS-010144 MA-COM-MAPS-010144 Datasheet
627Kb / 7P
   Digital Phase Shifter
MAPS-011008 MA-COM-MAPS-011008_15 Datasheet
1Mb / 8P
   Digital Phase Shifter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com