Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5410CS-T13 Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL5410CS-T13
Description  30MHz Rail-to-Rail Input-Output Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5410CS-T13 Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL5410CS-T13 Datasheet HTML 6Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 7Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 8Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 9Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 10Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 11Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 12Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 13Page - Elantec Semiconductor EL5410CS-T13 Datasheet HTML 14Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
EL5210C/EL5410C
30MHz Rail-to-Rail Input-Output Op Amps
Applications Information
Product Description
The EL5210C and EL5410C voltage feedback amplifi-
ers are fabricated using a high voltage CMOS process.
They exhibit Rail-to-Rail input and output capability,
are unity gain stable and have low power consumption
(2.5mA per amplifier). These features make the
EL5210C and EL5410C ideal for a wide range of gen-
eral-purpose applications. Connected in voltage follower
mode and driving a load of 1k
Ω and 12pF, the EL5210C
and EL5410C have a -3dB bandwidth of 30MHz while
maintaining a 33V/µS slew rate. The EL5210C is a dual
amplifier while the EL5410C is a quad amplifier.
Operating Voltage, Input, and Output
The EL5210C and EL5410C are specified with a single
nominal supply voltage from 5V to 15V or a split supply
with its total range from 5V to 15V. Correct operation is
guaranteed for a supply range of 4.5V to 16.5V. Most
EL5210C and EL5410C specifications are stable over
both the full supply range and operating temperatures of
-40 °C to +85 °C. Parameter variations with operating
voltage and/or temperature are shown in the typical per-
formance curves.
The input common-mode voltage range of the EL5210C
and EL5410C extends 500mV beyond the supply rails.
The output swings of the EL5210C and EL5410C typi-
cally extend to within 100mV of positive and negative
supply rails with load currents of 5mA. Decreasing load
currents will extend the output voltage range even closer
to the supply rails. Figure 1 shows the input and output
waveforms for the device in the unity-gain configura-
tion. Operation is from +/-5V supply with a 1k
Ω load
connected to GND. The input is a 10Vp-p sinusoid. The
output voltage is approximately 9.8VP-P.
Figure 1. Operation with Rail-to-Rail Input and
Output
Short Circuit Current Limit
The EL5210C and EL5410C will limit the short circuit
current to +/-120mA if the output is directly shorted to
the positive or the negative supply. If an output is
shorted indefinitely, the power dissipation could easily
increase such that the device may be damaged. Maxi-
mum reliability is maintained if the output continuous
current never exceeds +/-30mA. This limit is set by the
design of the internal metal interconnects.
Output Phase Reversal
The EL5210C and EL5410C are immune to phase rever-
sal as long as the input voltage is limited from VS- -
0.5V to VS+ +0.5V. Figure 2 shows a photo of the out-
put of the device with the input voltage driven beyond
the supply rails. Although the device's output will not
change phase, the input's overvoltage should be avoided.
If an input voltage exceeds supply voltage by more than
0.6V, electrostatic protection diodes placed in the input
VS=±5V
TA=25°C
AV=1
VIN=10VP-P
5V
5V
10µ S


Similar Part No. - EL5410CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5410CS-T13 INTERSIL-EL5410CS-T13 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
EL5410CS-T13 INTERSIL-EL5410CS-T13 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5410CS-T13 RENESAS-EL5410CS-T13 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
More results

Similar Description - EL5410CS-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5210 INTERSIL-EL5210 Datasheet
216Kb / 13P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5210 RENESAS-EL5210 Datasheet
751Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5210 INTERSIL-EL5210_07 Datasheet
302Kb / 16P
   30MHz Rail-to-Rail Input-Output Op Amps
logo
Elantec Semiconductor
EL5220C ELANTEC-EL5220C Datasheet
275Kb / 13P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Renesas Technology Corp
EL5120 RENESAS-EL5120 Datasheet
938Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111_0705 INTERSIL-EL5111_0705 Datasheet
494Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5120IWT-T7 INTERSIL-EL5120IWT-T7 Datasheet
494Kb / 21P
   12MHz Rail-to-Rail Input-Output Op Amps
October 15, 2015
logo
Renesas Technology Corp
EL5111 RENESAS-EL5111 Datasheet
857Kb / 19P
   60MHz Rail-to-Rail Input-Output Op Amps
logo
Intersil Corporation
EL5111 INTERSIL-EL5111_07 Datasheet
493Kb / 18P
   60MHz Rail-to-Rail Input-Output Op Amps
EL5111 INTERSIL-EL5111 Datasheet
653Kb / 12P
   60MHz Rail-to-Rail Input-Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com