Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASW-000932-V1-APR11 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MASW-000932-V1-APR11
Description  HMICTM PIN Diode SPDT 80 Watt Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASW-000932-V1-APR11 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MASW-000932-V1-APR11 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000932-V1-APR11 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000932-V1-APR11 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000932-V1-APR11 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000932-V1-APR11 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000932-V1-APR11 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
HMICTM PIN Diode SPDT 80 Watt Switch for
0.01 - 4.0 GHz Higher Power Applications
Rev. V1
MASW-000932
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Exceptional Broadband Performance
• Low Loss: T
X = 0.25 dB @ 2010 MHz
• High Isolation: Rx = 43 dB @ 2010 MHz
• Suitable for High Power LTE, TD-SCDMA,
WiMAX, and Military Radio Applications
• Surface Mount 4mm PQFN Package
• RoHS* Compliant and 260°C Reflow Compatible
• Class 2 ESD Rating (HBM 2kv)
Description
The MASW-000932 is a SPDT
high power,
broadband, high linearity, PIN diode T/R switch for
0.01 - 4.0 GHz applications, including WiMAX &
WiFi. The device is provided in an industry standard
lead free 4mm PQFN plastic package. This device
incorporates
a
PIN
diode
die
fabricated
with
M/A-COM Technology Solutions’ patented Silicon-
Glass HMIC
TM
process. This chip features two
silicon pedestals embedded in a low loss, low
dispersion glass. The diodes are formed on the top
of each pedestal. The topside is fully encapsulated
with silicon nitride and has an additional polymer
passivation layer. These polymer protective coatings
prevent damage and contamination during handling
and assembly.
This compact 4mm PQFN packaged SPDT switch
offers wideband 0.05 - 4.0 GHz performance with
excellent isolation to loss ratio for both TX and RX
states. The PIN diode provides 45 W C.W. power
handling at an 85°C baseplate temperature and
72 dBm IIP3 at 2010 MHz for
maximum switch
performance.
*
Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Ordering Information
1
Part Number
Package
MASW-000932-13560T
Tape and Reel (1K)
MASW-000932-001SMB
Sample Board
1. Reference Application Note M513 for reel size information.
Functional Diagram (Top View)
Pin Configuration
2
Pin
Function
1
GND
2
ANT
3
N/C
4
N/C
5
N/C
6
N/C
7
RX
8
N/C
Pin
Function
9
DC2
10
N/C
11
N/C
12
N/C
13
GND
14
TX
15
GND
16
N/C
2. The exposed pad centered on the package bottom must be
connected to RF, DC and thermal ground.


Similar Part No. - MASW-000932-V1-APR11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000932-001SMB MA-COM-MASW-000932-001SMB Datasheet
618Kb / 7P
   Exceptional Broadband Performance
MASW-000932-001SMB MA-COM-MASW-000932-001SMB Datasheet
618Kb / 7P
   Exceptional Broadband Performance
MASW-000932-13560T MA-COM-MASW-000932-13560T Datasheet
618Kb / 7P
   Exceptional Broadband Performance
MASW-000932-13560T MA-COM-MASW-000932-13560T Datasheet
618Kb / 7P
   Exceptional Broadband Performance
More results

Similar Description - MASW-000932-V1-APR11

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-011021 MA-COM-MASW-011021 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-002103-1363_V7 MA-COM-MASW-002103-1363_V7 Datasheet
285Kb / 8P
   HMICTM Silicon PIN Diode SPDT Switch
MASW011021 MA-COM-MASW011021_15 Datasheet
301Kb / 5P
   HMICTM Silicon PIN Diode SPDT Switch
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T_V4 MA-COM-MASW-000825-12770T_V4 Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000936 MA-COM-MASW-000936 Datasheet
176Kb / 7P
   PIN Diode SPDT 120 Watt Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com