Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMR11NTR Datasheet(PDF) 2 Page - Rohm

Part # UMR11NTR
Description  Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UMR11NTR Datasheet(HTML) 2 Page - Rohm

  UMR11NTR Datasheet HTML 1Page - Rohm UMR11NTR Datasheet HTML 2Page - Rohm UMR11NTR Datasheet HTML 3Page - Rohm UMR11NTR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
UMR11N
 
0
1
2
3
4
5
6
7
8
9
10
AVE:1.98pF
VR=6V
f=1MHz
D3,D4
0
10
20
30
40
50
60
70
80
90
100
900
910
920
930
940
950
0.001
0.01
0.1
1
10
100
1000
10000
0
1020
304050
60
7080
Ta=125
C
Ta=-25
C
Ta=25
C
Ta=75
C
Ta=150
C
D3,D4
0.01
0.1
1
10
100
1000
10000
0
10
20304050
607080
Ta=125
C
Ta=75
C
Ta=150
C
D1,D2
Ta=25
C
Ta=-25
C
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 100
0
Ta=-25
C
Ta=125
C
Ta=75
C
Ta=25
C
Ta=150
C
D3,D4
0.1
1
10
100
0
100 200 300 400 500 600 700 800 900 100
0
Ta=-25
C
Ta=125
C
Ta=75
C
Ta=25
C
Ta=150
C
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
60
70
80
90
100
D3,D4
850
860
870
880
890
900
D3,D4
0.1
1
10
0
5
10
15
20
D3,D4
0.1
1
10
0
5
10
15
20
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
f=1MHz
f=1MHz
AVE:921.7mV
Ta=25
C
IF=100mA
n=30pcs
AVE:870.1mV
Ta=25
C
IF=100mA
n=30pcs
Ta=25
C
VR=70V
n=30pcs
AVE:9.655nA
Ta=25
C
VR=70V
n=30pcs
AVE:4.310nA
AVE:1.17pF
Ta=25
C
VR=6V
f=1MHz
n=10pcs
D1,D2
D1,D2
D1,D2
D1,D2
D1,D2
Ct DISPERSION MAP
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
2/3
2011.06 - Rev.A


Similar Part No. - UMR11NTR

ManufacturerPart #DatasheetDescription
logo
Rohm
UMR11N ROHM-UMR11N Datasheet
1,018Kb / 4P
   Switching Diode
logo
Unisonic Technologies
UMR11N UTC-UMR11N Datasheet
123Kb / 3P
   SWITCHING DIODE
logo
Rohm
UMR11N ROHM-UMR11N Datasheet
2Mb / 9P
   Switching Diode
UMR11NFH ROHM-UMR11NFH Datasheet
2Mb / 9P
   Switching Diode
logo
Unisonic Technologies
UMR11NG-AL6-R UTC-UMR11NG-AL6-R Datasheet
123Kb / 3P
   SWITCHING DIODE
More results

Similar Description - UMR11NTR

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com