Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCU20A40 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # FCU20A40
Description  FRED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FCU20A40 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  FCU20A40 Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
逆回復時間
Reverse Recovery Time
IFM=10A, −di/dt=50 A/μs, Tj=25℃
Typ.
Max.
Unit
30
μA
30
40
ns
Symbol
I RM
trr
ピーク順電圧
Peak Forward Voltage
V FM
Tj=25℃, IFM=10A,
一素子あたり 
Per Diode
1.34
1.53
V
R th(j-c)
接合部・ケース間
Junction to Case
2
℃/W
熱抵抗
Thermal Resistance
R th(c-f)
ケース・フィン間
Case to Fin
1.5
℃/W
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
FCU20A40
0
1
23
0.5
1.5
2.5
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
1
2
(A)
5
10
20
100
50
Tj=25˚C
Tj=150˚C
FIG.1
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
FCU20A40
f=50Hz,Sine Wave,Non-Repetitive,No Load
0.02
0.05
0.1
0.2
0.5
12
TIME (s)
時 間 (s)
0
20
40
60
80
100
120
140
(A)
0.02s
IFSM
FIG.4
FCU20A40
0.1
1
10
PULSE WIDTH (ms)
パルス幅 (ms)
10
100
1000
RMS SURGE CURRENT RATINGS
サージ実効順電流定格
Ta=40˚C,Non-Repetitive,No Load
(Arms)
FIG.5
0
4
812
16
20
24
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
5
10
15
20
25
35
30
(W)
FCU20A40
0˚
180˚
通流角
CONDUCTION ANGLE
θ
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
SINE WAVE
RECT 180˚
FIG.2
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
平 均 順 電 流 − ケ ー ス 温 度 定 格
FCU20A40
025
50
75
100
125
150
CASE TEMPERATURE ( ˚C)
ケ ー ス 温 度 (℃)
0
8
4
20
16
12
24
(A)
0˚
180˚
通流角
CONDUCTION ANGLE
θ
RECT 180˚
SINE WAVE
FIG.3
20A Avg.
Volts
FRED
■OUTLINE DRAWING(mm)
149
400
FCU20A40
■定格・特性曲線
■APPROX. NET WEIGHT:1.75g
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Symbol
Conditions
平均整流電流
Average Rectified Forward Current
I O
Tc=86℃
20
実効順電流
R.M.S. Forward Current
I F(RMS)
22.2
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
締付トルク
Mounting torque
F tor
推奨値
Recommended Value
サージ順電流
Surge Forward Current
I FSM
120
50Hz正弦全波,1サイクル,非くり返し 
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
N・m
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
0.5
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
400
V
■最大定格 Maximum Ratings


Similar Part No. - FCU20A40

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
FCU20A40 KSS-FCU20A40 Datasheet
698Kb / 6P
   Fast Recovery Diode
logo
National Instruments Co...
FCU20A40 NI-FCU20A40_15 Datasheet
113Kb / 1P
   FRED
More results

Similar Description - FCU20A40

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
10DRA60_2015 NI-10DRA60_2015 Datasheet
110Kb / 1P
   FRED
10ERA60_2015 NI-10ERA60_2015 Datasheet
95Kb / 1P
   FRED
10ERB20_2015 NI-10ERB20_2015 Datasheet
107Kb / 1P
   FRED
10ERB40_2015 NI-10ERB40_2015 Datasheet
108Kb / 1P
   FRED
11EFS2_2015 NI-11EFS2_2015 Datasheet
89Kb / 1P
   FRED
20NFB60_2015 NI-20NFB60_2015 Datasheet
328Kb / 1P
   FRED
30PFB60_2015 NI-30PFB60_2015 Datasheet
250Kb / 1P
   FRED
30PRA20_2015 NI-30PRA20_2015 Datasheet
263Kb / 1P
   FRED
31DF2_2015 NI-31DF2_2015 Datasheet
91Kb / 1P
   FRED
31DF4_2015 NI-31DF4_2015 Datasheet
479Kb / 1P
   FRED
C16T20F-11A_2015 NI-C16T20F-11A_2015 Datasheet
135Kb / 1P
   FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com