Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-7478-28A241 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # A-7478-28A241
Description  KK짰 254 Solid Header, Right Angle, with Friction Lock, 28 Circuits, 0.51關m Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-7478-28A241 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  A-7478-28A241 Datasheet HTML 1Page - Molex Electronics Ltd. A-7478-28A241 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-7478-28A241
Reference - Drawing Numbers
Product Specification
PS-10-07, RPS-6373-001
Sales Drawing
SDA-7478
This document was generated on 03/03/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - A-7478-28A241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A-7478-28A241 MOLEX-A-7478-28A241 Datasheet
391Kb / 3P
   FRICTION LOCK HEADER ASY .100 CL BENT SQ PINS 7478 SERIES DWG
1987/07/30
A-7478-28A241T MOLEX-A-7478-28A241T Datasheet
391Kb / 3P
   FRICTION LOCK HEADER ASY .100 CL BENT SQ PINS 7478 SERIES DWG
1987/07/30
More results

Similar Description - A-7478-28A241

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-12-2124 MOLEX11-22-12-2124 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 12 Circuits, 0.51關m Gold (Au) Plating
22-12-2134 MOLEX11-22-12-2134 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 13 Circuits, 0.51關m Gold (Au) Plating
22-12-2164 MOLEX11-22-12-2164 Datasheet
66Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 16 Circuits, 0.51關m Gold (Au) Plating
22-12-2074 MOLEX2-22-12-2074 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 7 Circuits, 0.51關m Gold (Au) Plating
22-12-2094 MOLEX11-22-12-2094 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 9 Circuits, 0.51關m Gold (Au) Plating
22-12-2144 MOLEX11-22-12-2144 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 14 Circuits, 0.51關m Gold (Au) Plating
22-12-2104 MOLEX11-22-12-2104 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 10 Circuits, 0.51關m Gold (Au) Plating
22-12-2214 MOLEX11-22-12-2214 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 21 Circuits, 0.51關m Gold (Au) Plating
22-12-2184 MOLEX11-22-12-2184 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 18 Circuits, 0.51關m Gold (Au) Plating
22-12-2234 MOLEX11-22-12-2234 Datasheet
55Kb / 2P
   KK짰 254 Solid Header, Right Angle, with Friction Lock, 23 Circuits, 0.51關m Gold (Au) Plating
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com