Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

739508BG Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 739508BG
Description  KK® 254 Wire-to-Board Header, Right Angle, with Friction Lock, 8 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

739508BG Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  739508BG Datasheet HTML 1Page - Molex Electronics Ltd. 739508BG Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
739508BG
Reference - Drawing Numbers
Product Specification
PS-99020-0088
Sales Drawing
SD-7395-001
This document was generated on 02/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 739508BG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
739508BG MOLEX2-739508BG Datasheet
136Kb / 3P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Right Angle, with Friction Lock, 8 Circuits
More results

Similar Description - 739508BG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-05-7088 MOLEX11-22-05-7088 Datasheet
46Kb / 2P
   KK짰 254 Wire-to-Board Header, Right Angle, with Friction Lock, 8 Circuits
1718574007 MOLEX1-1718574007_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718574008 MOLEX1-1718574008_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718573011 MOLEX1-1718573011_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718574005 MOLEX1-1718574005_17 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718570008 MOLEX1-1718570008 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718570011 MOLEX1-1718570011 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718570012 MOLEX1-1718570012 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718571003 MOLEX1-1718571003 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
1718571007 MOLEX1-1718571007 Datasheet
37Kb / 2P
   2.54mm Pitch, KK 254 RPC Wire-to-Board Right-Angle Header with Friction Lock
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com