Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5396CU Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL5396CU
Description  Triple 400MHz Fixed Gain Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5396CU Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL5396CU Datasheet HTML 1Page - Elantec Semiconductor EL5396CU Datasheet HTML 2Page - Elantec Semiconductor EL5396CU Datasheet HTML 3Page - Elantec Semiconductor EL5396CU Datasheet HTML 4Page - Elantec Semiconductor EL5396CU Datasheet HTML 5Page - Elantec Semiconductor EL5396CU Datasheet HTML 6Page - Elantec Semiconductor EL5396CU Datasheet HTML 7Page - Elantec Semiconductor EL5396CU Datasheet HTML 8Page - Elantec Semiconductor EL5396CU Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
EL5396C - Preliminary
Triple 400MHz Fixed Gain Amplifier
Supply
IsON
Supply Current - Enabled (per amplifier)
No Load, VIN = 0V, CE = -5V
8
9
10.5
mA
IsOFF
Supply Current - Disabled (per amplifier)
No Load, VIN = 0V, CE = +4.5V
95
130
µA
PSRR
Power Supply Rejection Ratio
DC, VS = ±4.75V to ±5.25V
55
75
dB
-IPSR
- Input Current Power Supply Rejection
DC, VS = ±4.75V to ±5.25V
-2
2
µA/V
1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz
Electrical Characteristics
VS+ = +5V, VS- = -5V, RL = 150Ω, TA = 25°C unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit


Similar Part No. - EL5396CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Intersil Corporation
EL5396ACS INTERSIL-EL5396ACS Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396ACS RENESAS-EL5396ACS Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Intersil Corporation
EL5396ACS-T13 INTERSIL-EL5396ACS-T13 Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5396CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5396A INTERSIL-EL5396A Datasheet
557Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5396A RENESAS-EL5396A Datasheet
750Kb / 13P
   Triple 400MHz Fixed Gain Amplifier with Enable
September 20, 2002
logo
Elantec Semiconductor
EL5196C ELANTEC-EL5196C Datasheet
292Kb / 14P
   Single 400MHz Fixed Gain Amplifier
logo
List of Unclassifed Man...
EL5196AC ETC1-EL5196AC Datasheet
223Kb / 15P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Intersil Corporation
EL5196 INTERSIL-EL5196 Datasheet
264Kb / 13P
   Single 400MHz Fixed Gain Amplifier with Enable
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5397C ELANTEC-EL5397C Datasheet
295Kb / 14P
   Triple 200MHz Fixed Gain Amplifier
logo
Texas Instruments
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com