Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD0810J50100AHF Datasheet(PDF) 1 Page - Anaren Microwave

Part # BD0810J50100AHF
Description  Ultra Low Profile 0805 Balun 50 to 100 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD0810J50100AHF Datasheet(HTML) 1 Page - Anaren Microwave

  BD0810J50100AHF Datasheet HTML 1Page - Anaren Microwave BD0810J50100AHF Datasheet HTML 2Page - Anaren Microwave BD0810J50100AHF Datasheet HTML 3Page - Anaren Microwave BD0810J50100AHF Datasheet HTML 4Page - Anaren Microwave BD0810J50100AHF Datasheet HTML 5Page - Anaren Microwave BD0810J50100AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model BD0810J50100AHF
Rev A
Ultra Low Profile 0805 Balun
50
to 100
Balanced
Description
The BD0810J50100AHF is a low profile sub-miniature balanced to
unbalanced transformer designed for differential inputs and output locations on next
generation wireless chipsets in an easy to use surface mount package covering the
GSM frequency. The BD0810J50100AHF is ideal for high volume manufacturing
and is higher performance than traditional ceramic and lumped element baluns. The
BD0810J50100AHF has an unbalanced port impedance of 50Ω and a 100Ω
balanced port impedance. This transformation enables single ended signals to be
applied to differential ports on modern semiconductors. The output ports have equal
amplitude (-3dB) with 180 degree phase differential. The BD0810J50100AHF is
available on tape and reel for pick and place high volume manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
800
1000
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
100
Return Loss
13
15
dB
Insertion Loss*
0.70
0.95
dB
Amplitude Balance
0.2
0.4
dB
Phase Balance
1
2
Degrees
CMRR
39
dB
Power Handling
2
Watts
Features:
• 800 – 1000 MHz
• 0.7mm Height Profile
• 50 Ohm to 2 x 50 Ohm
• GSM
• Low Insertion Loss
• Input to Output DC Isolation
• Surface Mountable
• Tape & Reel
• Non-conductive Surface
• RoHS Compliant
• Halogen Free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
5
4
2
1
6
3
Pin
Out 1
GND
NC
Out 2
GND/DC Feed
In
Designation
+RF GND
Mechanical Outline
-Dimensions are in Millimeters
2.04±0.10
1.29±0.10
0.72±0.07
1
2
3
6
5
6x
0.30
6x
0.22
4x 0.65
6x 0.98
Orientation Marker
Denotes Pin Location
4
Orientation Marker
Denotes Pin Location
TOP VIEW (Near Side)
SIDE VIEW
BOTTOM VIEW (Far Side)
2x 0.15
4x 0.37
-Tolerences are Non-Cumulative


Similar Part No. - BD0810J50100AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD0810J50100A00 ANAREN-BD0810J50100A00 Datasheet
315Kb / 6P
   Ultra Low Profile 0805 Balun 50廓 to 100廓 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com