Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5397CU-T13 Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5397CU-T13
Description  Triple 200MHz Fixed Gain Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5397CU-T13 Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5397CU-T13 Datasheet HTML 1Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 2Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 3Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 4Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 5Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 6Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 7Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 8Page - Elantec Semiconductor EL5397CU-T13 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
EL5397C - Preliminary
Triple 200MHz Fixed Gain Amplifier
Typical Performance Curves
PSRR and CMRR vs Frequency
Frequency (Hz)
PSRR+
PSRR-
CMRR
20
-80
-60
-40
-20
0
10k
100k
1M
10M
1G
100M
-3dB Bandwidth vs Supply Voltage
5
6
8
10
250
200
150
100
Total Supply Voltage (V)
AV=2
RL=150Ω
Peaking vs Supply Voltage
5
4
3
2
0
Total Supply Voltage (V)
AV=2
AV=-1
AV=1
RL=150Ω
7
9
AV=-1
AV=1
5
6
8
10
7
9
1
-3dB Bandwidth vs Temperature
-40
10
60
160
300
250
200
100
0
Ambient Temperature (°C)
RL=150Ω
Peaking vs Temperature
1
0.8
0.4
0.2
0
Ambient Temperature (°C)
RL=150Ω
110
150
50
0.6
-40
10
60
160
110
Voltage and Current Noise vs Frequency
100
Frequency (Hz)
1000
10k
100k
10M
1M
in+
in-
en
1000
1
10
100


Similar Part No. - EL5397CU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Intersil Corporation
EL5397ACS INTERSIL-EL5397ACS Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397ACS INTERSIL-EL5397ACS Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
More results

Similar Description - EL5397CU-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5397A INTERSIL-EL5397A_06 Datasheet
338Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
EL5397A INTERSIL-EL5397A Datasheet
563Kb / 13P
   Triple 200MHz Fixed Gain Amplifier with Enable
logo
Renesas Technology Corp
EL5397A RENESAS-EL5397A Datasheet
871Kb / 15P
   Triple 200MHz Fixed Gain Amplifier with Enable
November 8, 2006
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
291Kb / 14P
   Single 200MHz Fixed Gain Amplifier
logo
Intersil Corporation
EL5197 INTERSIL-EL5197 Datasheet
275Kb / 13P
   Single 200MHz Fixed Gain Amplifier with Enable
EL5197 INTERSIL-EL5197_07 Datasheet
329Kb / 16P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Elantec Semiconductor
EL5197C ELANTEC-EL5197C Datasheet
224Kb / 15P
   Single 200MHz Fixed Gain Amplifier with Enable
logo
Fairchild Semiconductor
RC6704 FAIRCHILD-RC6704 Datasheet
73Kb / 8P
   Triple Fixed Gain Video Amplifier
logo
Elantec Semiconductor
EL5396C ELANTEC-EL5396C Datasheet
297Kb / 13P
   Triple 400MHz Fixed Gain Amplifier
logo
Texas Instruments
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com