Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS34 Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SS34
Description  Surface Mount Schottky Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SS34 Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SS34 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SS34 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SS34 Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS315~320
SS38~310
SS35~36
SS33~34
Items
SS32
UNIT
SS36
SS38 SS310 SS315 SS320
UNIT
Items
Symbol SS32 SS33
SS34
SS35
Features
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Major Ratings and Characteristics
Case:
JEDEC DO-214AB molded plastic
body over glass passivated chip
Terminals:
Solder plated, solderable per
J-STD-002B and JESD22-B102D
Polarity:
Laser band denotes cathode end
VF
0.50V, 0.55V, 0.70V, 0.85V,0.95V
Tj max.
125 °C
IF(AV)
3.0A
VRRM
20 V to 200 V
IFSM
100A
y
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.55 × 0.55'' ( 14 × 14 mm ) copper pad areas.
Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
Tj=25℃
IR
Tj=100℃
5.0
Test conditions
Symbol
IF=3.0A
(2)
VF
VR=VDC
0.85
0.95
V
Reverse current
0.5
mA
Instantaneous forward
voltage
0.50
0.55
0.70
Operating junction and storage
temperature range
TJ,TSTG
–65 to +125
Voltage rate of change
(rated VR)
dv/dt
10000
V/µs
Thermal resistance from
junction to lead
(1)
RθJL
20
/W
Maximum average forward
rectified current
IF(AV)
3A
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
100
A
60
80
100
150
200
V
Maximum DC blocking voltage
VDC
20
30
40
50
42
56
70
105
140
V
Maximum RMS voltage
VRMS
14
21
28
35
60
80
100
150
200
V
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
j
http://www.trr-jx.com
SS32~SS320
Surface Mount Schottky Rectifiers


Similar Part No. - SS34

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS34 ZOWIE-SS34 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS34 DGNJDZ-SS34 Datasheet
263Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SS34 FORMOSA-SS34 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SS34 VISHAY-SS34 Datasheet
1Mb / 4P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
logo
Galaxy Semi-Conductor H...
SS34 BILIN-SS34 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS34

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA_07 Datasheet
103Kb / 2P
   Surface Mount Schottky Rectifiers
SK32SMA DIOTEC-SK32SMA Datasheet
53Kb / 2P
   Surface Mount Schottky-Rectifiers
SM5817 DIOTEC-SM5817 Datasheet
169Kb / 2P
   Surface Mount Schottky-Rectifiers
logo
Guangdong Juxing Electr...
SS52_DO-214AB JUXING-SS52_DO-214AB Datasheet
1Mb / 2P
   Surface Mount Schottky Rectifiers
SS22F JUXING-SS22F Datasheet
653Kb / 3P
   Surface Mount Schottky Rectifiers
logo
Diotec Semiconductor
SMS120 DIOTEC-SMS120_07 Datasheet
106Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Shenzhen Luguang Electr...
LGL341-20 LUGUANG-LGL341-20 Datasheet
420Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SS52F YIXIN-SS52F Datasheet
184Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Guangdong Juxing Electr...
MASK32 JUXING-MASK32 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
MASK12 JUXING-MASK12 Datasheet
1Mb / 3P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com