Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6205C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6205C
Description  Laser Driver Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6205C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6205C Datasheet HTML 1Page - Elantec Semiconductor EL6205C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL6205C consists of a variable amplitude, push only, oscillator
that also supplies the laser DC current. It is designed to easily interface
to existing ROM controllers, reducing parts count, and power
dissipation.
The reduction of parts count and the small package allows the oscillator
to be placed closer to the laser, thus reducing EMI. Also, the turn-on
and turn-off edges are slew rate limited to reduce higher harmonics.
The total current drawn from the power supply can be less than the laser
threshold current due to the unique push-only modulation method. The
average current is less than the peak oscillator current, and can be less
than half of the oscillator current. The power control current supplied
from the main board is reduced from many tens of mA to less than
2mA.
One external resistor sets the oscillator frequency. A current applied to
the IIN terminal determines the amplitude of the oscillator and laser DC
current. If the oscillator amplitude is set very low, the output and oscil-
lator are disabled. The part is available in the space-saving 6-pin SOT23
package. It is specified for operation from -0
°C to 70°C.
Connection Diagram
1
2
3
6
4
EL6205C
(6-Pin SOT23)
IOUT
RFREQ
VDD
GND2
GND1
IN
5
Features
• Low power dissipation
• Reduced parts count from the
conventional solution
• User-selectable frequency from
60MHz to 600MHz controlled
with a single resistor
• User-selectable amplitude from
10mA pk-pk to 100mA pk-pk
controlled by 0.2mA to 2mA input
current
• Auto turn-off threshold
• Soft edges for reduced EMI
• Small 6-pin SOT23 package
Applications
• DVD players
• DVD-ROM drives
• Combo drives
• MO drives
• General purpose laser noise
reduction
• Local oscillator capability
Ordering Information
Part No.
Package
Tape & Reel
Outline #
EL6205CW
6-Pin SOT23
MDP0038
EL6205C - Product Brief
Laser Driver Oscillator


Similar Part No. - EL6205C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6205CW-T7 INTERSIL-EL6205CW-T7 Datasheet
129Kb / 8P
   Laser Driver Oscillator
EL6205CW-T7A INTERSIL-EL6205CW-T7A Datasheet
129Kb / 8P
   Laser Driver Oscillator
More results

Similar Description - EL6205C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6203 INTERSIL-EL6203 Datasheet
169Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com