Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2500Y Datasheet(PDF) 1 Page - Littelfuse

Part # K2500Y
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2500Y Datasheet(HTML) 1 Page - Littelfuse

  K2500Y Datasheet HTML 1Page - Littelfuse K2500Y Datasheet HTML 2Page - Littelfuse K2500Y Datasheet HTML 3Page - Littelfuse K2500Y Datasheet HTML 4Page - Littelfuse K2500Y Datasheet HTML 5Page - Littelfuse K2500Y Datasheet HTML 6Page - Littelfuse K2500Y Datasheet HTML 7Page - Littelfuse K2500Y Datasheet HTML 8Page - Littelfuse K2500Y Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
339
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
Standard Bidirectional SIDACs
Kxxxzy Series
Kxxxzy SIDAC
Description
The SIDAC is a silicon bilateral voltage triggered switch.
Upon application of a voltage exceeding the SIDAC breakover
voltage point, the SIDAC switches on through a negative
resistance region to a low on-state voltage. Conduction
continues until the current is interrupted or drops below the
minimum holding current of the device.
SIDACs feature glass-passivated junctions to ensure a
rugged and dependable device capable of withstanding
harsh environments.
Features
Schematic Symbol
Applications
Suitable for high voltage power supplies, natural gas
igniters, high-pressure Sodium lamps, and Xenon flash
ignition.
to 330V
Symbol
Parameters
Test Conditions
Min
Max
Unit
V
BO
Breakover/Trigger Voltage
K0900y
79
97
V
K1050y
95
113
K1100y
104
118
K1200y
110
125
K1300y
120
138
K1400y
130
146
K1500y
140
170
K1800y
165
195
K200zy
190
215
K220zy
205
230
K240zy
220
250
K250zy
240
280
K300zy
270
330
V
DRM
Repetitive Peak Off-state Voltage
K0900y
70
V
K1050y
90
K1100y
90
K1200y
90
K1300y
90
K1400y
90
K1500y
90
K1800y
140
K200zy
180
K220zy
180
K240zy
190
K250zy
200
K300zy
200
Electrical Specifications (T
J = 25°C, unless otherwise specified)
Note: xxx = voltage, z = circuit function, y = package


Similar Part No. - K2500Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2500Y LITTELFUSE-K2500Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2500YH LITTELFUSE-K2500YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
K2500YH LITTELFUSE-K2500YH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K2500yURP LITTELFUSE-K2500yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

Similar Description - K2500Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com