Selected language     English  ▼


N-68X Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. N-68X
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 2 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Secondary
Lead
Mounting
Type
Primary
Volts
Case
Holes
Dimensions
Dimensions
Wt.
Section
No.
VA
Voltage
±5%
Amps
Type
Connections
Used
H
W
D
MW
MD
Lbs.
N-57MG
500
115
115.0
4.35
M (5)
6’ Cord, Plug
55/16
41/2
61/4
31/2
51/8
23.75
& Socket
A
N-257MG
500
230
115.0
4.35
M (5)
6’ Cord, Plug
55/16
41/2
61/4
31/2
51/8
23.75
& Socket
N-59M
1,000
115
115.0
8.70
M (5)
6’ Cord, Plug
55/16
41/2
71/8
31/2
6
31.0
& Socket
B
N-59MG
1,000
115
115.0
8.70
M (5)
6’ Cord, Plug
55/16
41/2
71/8
31/2
6
31.0
& Socket
N-259MG
1,000
230
115.0
8.70
M (5)
6’ Cord, Plug
55/16
41/2
71/8
31/2
6
31.0
& Socket
:: Standar d A pplica tions c o n tinued
With ground wire
Mounting hole sizes: (5) = 1/2 x 1/4"
Secondary
Lead
Mounting
Type
Primary
Volts
RMS
Case
Holes
Dimensions
Dimensions
Wt.
Section
No.
VA
Voltage
±5%
Amps
Type
Connections
Used
H
W
D
MW
MD
Lbs.
N-90MD
250
115
115.0
2.17
M (3)
6’ Cord, Plug
45/8
37/8
61/8
3415/16
11.9
C
& Socket
Circuit Breaker
N-92MD
500
115
115.0
4.35
M (4)
6’ Cord, Plug
511/32
41/2
731/2
53/8
17.6
D
& Socket
Circuit Breaker
:: Medical/Den tal A pplica tions
UL 544 F ile E102910
Mounting hole sizes: (3) = 3/8 x 3/16" (4) = 21/32 x 9/32"
Leakage current from primary to secondary is rated at less than 50 micro-amps and is typically measured at less than 10 micro-amps.
T echnical Notes
1. Line cord, plug and receptacle are U.L. listed and verified to meet federal specifications.
2. Connections are by leads, plugs and sockets.
3. Hi-pot tested at 1,500 VRMS.
4. All units have static shields, except those marked with an asterisk.
When stock is a problem elsewhere, try us. We routinely have hundreds of thousands
of completed standard units on hand. Call your nearest Triad distributor for a “stock
status” on the industry’s best -- Triad Transformers..




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl