Electronic Components Datasheet Search
Selected language     English  ▼


N-68X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. N-68X
Description  Power Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
www.TriadMagnetics.com
| 22520 B Temescal Canyon Road, Corona, CA 92883 | Phone 951-277-0757 | FAX 951-277-2757
Power Transformers
Isola tion / Medical
:: Description
Triad isolation transformers are power transformers for isolating
equipment from direct connection to the power line. They are offered
in a variety of voltages and case types. Triad isolation transformers
are also offered in hospital type (designed with an MD suffix) which
are designed and constructed to meet the low leakage current
requirements for today’s medical equipment. The transformers are
constructed with nonconcentrically wound coils. The primary and
secondary are wound on separate arbors, then assembled on a
laminate core side-by-side separated by insulation. This prevents
electrical connection, under normal or overload conditions, between
the primary and secondary windings. These hospital type units are
offered with a resettable circuit breaker, providing protection from
overload and short circuit conditions.
:: Specifica tions
Primary: 115/230 VAC, 50/60 Hz
Secondary: 115/230 VAC
Output Watts: 15 to 1,000 VA
Secondary
Lead
Mounting
Type
Primary
Volts
Case
Holes
Dimensions
Dimensions
Wt.
Section
No.
VA
Voltage
±5%
Amps
Type
Connections
Used
H
W
D
MW
MD
Lbs.
A
N-48X
15
115
115.0
0.13
X (1)
Leads
115/16
35/16
2213/16
1.35
B
N-51X
35
115
115.0
0.3
X (1)
Leads
29/32
311/16
21/8
31/8
1.70
C
N-68X
50
115/230§
115.0
0.435
X (1)
Leads
29/32
311/16
21/8
31/8
1.70
N-53M
85
115
115.0
0.74
M (3)
6’ Cord, Plug
319/32
231/32
33/4
21/4
23/8
4.70
D
& Socket
N-53MG
85
115
115.0
0.74
M (3)
6’ Cord, Plug
319/32
231/32
41/8
21/4
27/8
4.70
& Socket
E
N-76U*
100
115
115.0
0.86
U (2)
Leads
37/16
213/16
321/4
21/2
4.00
N-77U*
100
115/230
115.0
0.86
U (2)
Leads
37/16
213/16
321/4
21/2
4.00
N-54M
150
115
115.0
1.3
M (3)
6’ Cord, Plug
37/8
39/32
41/4
21/2
3
7.00
& Socket
F
N-54MG
150
115`
115.0
1.3
M (3)
6’ Cord, Plug
37/8
39/32
513/16
21/2
31/2
7.00
& Socket
N-73A
150
115
115/230§
0.65
A (3)
Leads
1
37/8
39/32
35/8
21/2
23/4
7.00
N-67A
150
115/230§
115.0
1.3
A (3)
Leads
2
37/8
39/32
37/8
21/2
3
7.00
N-55M
250
115
115.0
2.17
M (3)
6’ Cord, Plug
45/8
315/16
53
313/16
11.00
& Socket
N-55MG
250
115
115.0
2.17
M (3)
6’ Cord, Plug
45/8
315/16
53
313/16
11.00
G
& Socket
N-255MG
250
230
115.0
2.17
M (3)
6’ Cord, Plug
45/8
315/16
53
313/16
11.00
& Socket
N-66A
250
115/230§
115.0
2.17
A (3)
Leads
2
45/8
315/16
45/8
335/8
11.00
H
N-57M
500
115
115.0
4.35
M (5)
6’ Cord, Plug
55/16
41/2
61/4
31/2
51/8
23.75
& Socket
:: Standar d A pplica tions
§ Split winding
With ground wire
*Unit does not include static shield
Mounting hole sizes: (1) = 3/16" (2) = 13/64 x 3/8" (3) = 3/8 x 3/16" (5) = 1/2 x 1/4"
C ase T y pe X
C ase T y pe A
C ase T y pe M
C ase T y pe U




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl