Electronic Components Datasheet Search
Selected language     English  ▼


N010-0510-T219 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part No. N010-0510-T219
Description  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 4 page
background image
4
FID-550 SERIES
n
5.6 FINGER LIFE
A finger is simulated by a silicon rubber plunger
R8 (Round type 8mm size) hardness 60˚C at 200g
at frequency 5Hz.
A failure is judged to happen when the current
consumption or insulation resistance or dielectric
strength are not met as shown in 5.3. The location
accuracy with 9 point calibration must be ±4.4 mm max.
Typical operating force is 150g max.
n
5.7 INFORMATION ON THE PANEL
The panel part number is visible from the film side
The production information is visible from the glass side.
Production year 99 00 etc.
1 2 3 4 5 6 7 8 9 X Y Z or 1 2 3 4 5 6 7 8 9 X Y Z
January Production
2 3 4 5 6 7 8 9 X Y Z or
2 3 4 5 6 7 8 9 X Y Z
February Production
December Production
n
6 PACKAGING
n
6.1 PACKING SPECIFICATION
Vibration:
10~55 Hz at 1 Octave per minute 10G 20 cycles with one side 0.75mm
Drop test:
60cm Drop 1 corner, 3 crease lines and 6 faces. 1 each 1 time
After the test no glass: flaw or crack is seen, and no dent or scratch on the film.
Also glass and film must not separate.
Z or 1 2 3 4 5 6 7 8 9 Y Z
n
6.1 PACKING DETAILS
Each touch panel is placed into a plastic bag and is
held in place by a slit cut into the side of the card-
board. A second insertion piece is placed into the
carton to again add stability. The qty is written on
the side of the box. For example the T611 has 26
pieces per box.
Insert
Touch panel with bag
Slit in cardboard




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl