Selected language     English  ▼


N010-0510-T219 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. N010-0510-T219
Description  Resistive Touch Panel Specification FID-550 7-Wire Series
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

   
 5 page
background image
5
FID-550 SERIES
n
7.0 REJECT CRITERIA
n
o
it
p
ir
c
s
e
D
a
ir
e
ti
r
C
t
c
e
j
e
R
t
n
e
D
m
li
F
m
m
1
.
0
a ≥
e
r
A
2
m
m
5
0
.
0
a ≥
e
r
A
2
m
m
1
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
n
g
i
e
r
o
F
l
a
ir
e
t
a
m
n
e
e
w
t
e
b
m
li
f
d
n
a
s
s
a
l
g
e
p
y
t
t
o
D
m
m
1
.
0
>
a
e
r
A
2
m
m
5
0
.
0
a ≥
e
r
A
2
m
m
1
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
e
p
y
t
e
n
i
L
m
m
1
.
0
a >
e
r
A
m
m
0
1
<
h
t
g
n
e
l
d
n
a
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
a ≥
e
r
A
m
m
5
0
.
0
<
a
e
r
A
o
r
e
z
e
b
o
t
:
t
n
i
o
p
1
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
h
c
t
a
r
c
S
m
m
1
.
0
a ≥
e
r
A
m
m
0
8
<
h
t
g
n
e
l
h
ti
w
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
a ≥
e
r
A
m
m
0
3
<
h
t
g
n
e
l
h
ti
w
m
m
1
.
0
<
h
t
d
i
w
&
m
m
3
0
.
0
<
a
e
r
A
o
r
e
z
e
b
o
t
:
t
n
i
o
p
1
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
t
a
o
c
d
r
a
h
r
o
r
u
l
b
t
o
D
g
n
i
s
s
i
m
m
m
5
.
0
a ≥
e
r
A
2
m
m
3
0
.
0
a ≥
e
r
A
2
m
m
5
.
0
<
a
e
r
a
&
2
m
m
5
0
.
0
<
a
e
r
A
2
o
r
e
z
e
b
o
t
:
s
t
n
i
o
p
5
.
x
a
m
e
b
o
t
:
d
e
if
i
c
e
p
s
e
n
o
n
:
g
n
i
R
n
o
t
w
e
N
3
(
p
m
a
l
t
n
e
c
s
e
r
o
u
lf
a
r
e
d
n
u
e
d
i
s
m
li
f
l
e
n
a
P
m
o
rf
n
e
e
s
e
b
t
o
n
t
s
u
m
e
s
e
h
T
.
e
d
i
s
s
s
a
l
g
m
r
o
f
d
e
if
ir
e
v
e
b
o
t
t
o
N
.)
p
m
a
l
e
p
y
t
h
t
g
n
e
l
e
v
a
w
w
a
lf
s
s
a
l
G
e
h
T
.
m
a
r
g
a
i
d
g
n
i
w
o
ll
o
f
e
h
t
n
i
n
w
o
h
s
t
a
h
t
n
a
h
t
r
e
g
g
i
b
s
i
h
c
i
h
w
w
a
lf
o
n
e
b
o
T
.
d
e
if
i
c
e
p
s
t
o
n
s
i
s
w
a
lf
f
o
r
e
b
m
u
n
n
8.0 GENERAL POINTS OF CAUTION
Touch panels are made of glass, so care must be taken in handling them. Do not stress, pile, bend, lift by
the cable or put any stress on the film, for example moving by film face vacuum. In order to clean wring dry a
cloth which has been emersed in a natural detergent. DO NOT use any organic solvent, acid or alkali solu-
tion. Watch the edge of the panel when cleaning, again for safety reasons.
2mm
2mm
5mm
3mm




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl