Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NANOSMDC200F-2 Datasheet(PDF) 9 Page - Tyco Electronics

Part # NANOSMDC200F-2
Description  PolySwitch Resettable Devices Surface-mount Devices
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

NANOSMDC200F-2 Datasheet(HTML) 9 Page - Tyco Electronics

Back Button NANOSMDC200F-2 Datasheet HTML 5Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 6Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 7Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 8Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 9Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 10Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 11Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 12Page - Tyco Electronics NANOSMDC200F-2 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
123
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Part Number
A
Min.
Max.
H
Min.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Min.
Max.
G
Min.
Max.
Table S4 Dimensions for Surface-mount Devices in Millimeters (Inches)
Cont’d
picoSMDC Series
Size 2012 mm/0805 mils
picoSMDC010S
2.00
2.20
0.60
1.00
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.023) (0.040)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
picoSMDC012S
2.00
2.20
0.44
0.68
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.017) (0.027)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
picoSMDC020S
2.00
2.20
0.44
0.68
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.017) (0.027)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
picoSMDC035S
2.00
2.20
0.44
0.68
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.017) (0.027)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
picoSMDC050S
2.00
2.20
0.63
0.93
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.025) (0.036)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
picoSMDC075S*
2.00
2.20
0.60
1.00
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.023) (0.040)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
picoSMDC110S*
2.00
2.20
0.71
1.04
1.30
1.50
0.25
0.75
0.076
——
S2
(0.079) (0.087)
(0.028) (0.041)
(0.051) (0.059)
(0.010) (0.030)
(0.003)
——
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134) (0.024) (0.039)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC016F
3.00
3.40
0.62
1.00
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.024) (0.039)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC020F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC025F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC035F
3.00
3.40
0.58
0.82
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.023) (0.032)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC050F/13.2 3.00
3.40
0.50
0.74
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.019) (0.029)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC075F
3.00
3.40
0.44
0.68
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.017) (0.027)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC110F
3.00
3.40
0.28
0.67
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.011) (0.026)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC150F
3.00
3.40
0.55
0.89
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.022) (0.035)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
nanoSMDC200F
3.00
3.40
0.83
1.10
1.37
1.80
0.25
0.75
0.076
——
S2
(0.118) (0.134)
(0.033) (0.043)
(0.054) (0.071)
(0.010) (0.030)
(0.003)
——
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.019) (0.034)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD010F
3.0
3.43
0.50
0.85
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.019) (0.034)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD035F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD050F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD075F
3.0
3.43
0.38
0.62
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.015) (0.025)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD110F
3.0
3.43
0.28
0.48
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.011) (0.019)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD150F
3.0
3.43
0.51
1.22
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.020) (0.048)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD175F
3.0
3.43
0.40
0.76
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.016) (0.030)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
microSMD200F
3.0
3.43
0.79
1.17
2.35
2.80
0.25
0.75
0.076
——
S2
(0.118) (0.135)
(0.031) (0.046)
(0.092) (0.110)
(0.010) (0.030)
(0.003)
——
coming
soon
NEW
NEW
NEW
coming
soon
NEW


Similar Part No. - NANOSMDC200F-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
nanoSMDC200F MACOM-nanoSMDC200F Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
nanoSMDC200F MACOM-nanoSMDC200F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
NANOSMDC200F MACOM-NANOSMDC200F Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
logo
Littelfuse
NANOSMDC200F LITTELFUSE-NANOSMDC200F Datasheet
97Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - NANOSMDC200F-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMD150F MACOM-SMD150F_1 Datasheet
299Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
PICOSMD035F MACOM-PICOSMD035F Datasheet
307Kb / 16P
   PolySwitch Resettable Devices Surface-mount Devices
logo
List of Unclassifed Man...
SMD300 ETC2-SMD300 Datasheet
20Kb / 1P
   PolySwitch Surface-mount Resettable Devices
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com