Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NHPXA270C5C312 Datasheet(PDF) 1 Page - Intel Corporation

Part # NHPXA270C5C312
Description  Electrical, Mechanical, and Thermal Specification
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

NHPXA270C5C312 Datasheet(HTML) 1 Page - Intel Corporation

  NHPXA270C5C312 Datasheet HTML 1Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 2Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 3Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 4Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 5Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 6Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 7Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 8Page - Intel Corporation NHPXA270C5C312 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 126 page
background image
Intel® PXA270 Processor
Electrical, Mechanical, and Thermal Specification
Data Sheet
High-performance processor:
—Intel XScale® microarchitecture with
Intel® Wireless MMX™ Technology
—7 Stage pipeline
—32 KB instruction cache
—32 KB data cache
—2 KB “mini” data cache
—Extensive data buffering
256 Kbytes of internal SRAM for high
speed code or data storage preserved
during low-power states
High-speed baseband processor interface
(Mobile Scalable Link)
Rich serial peripheral set:
—AC’97 audio port
—I2S audio port
—USB Client controller
—USB Host controller
—USB On-The-Go controller
—Three high-speed UARTs (two with
hardware flow control)
—FIR and SIR infrared communications
port
Hardware debug features — IEEE JTAG
interface with boundary scan
Hardware performance-monitoring
features with on-chip trace buffer
Real-time clock
Operating-system timers
LCD Controller
Universal Subscriber Identity Module
interface
Low power:
—Wireless Intel Speedstep® Technology
—Less than 500 mW typical internal
dissipation
—Supply voltage may be reduced to
0.85 V
—Four low-power modes
—Dynamic voltage and frequency
management
High-performance memory controller:
—Four banks of SDRAM: up to 104 MHz
@ 2.5V, 3.0V, and 3.3V I/O interface
—Six static chip selects
—Support for PCMCIA and Compact
Flash
—Companion chip interface
Flexible clocking:
—CPU clock from 104 to 624 MHz
—Flexible memory clock ratios
—Frequency changes
—Functional clock gating
Additional peripherals for system
connectivity:
—SD Card / MMC Controller (with SPI
mode support)
—Memory Stick card controller
—Three SSP controllers
—Two I2C controllers
—Four pulse-width modulators (PWMs)
—Keypad interface with both direct and
matrix keys support
—Most peripheral pins double as GPIOs
Order Number 280002-003


Similar Part No. - NHPXA270C5C312

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
NHPXA270CXXX INTEL-NHPXA270CXXX Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
More results

Similar Description - NHPXA270C5C312

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
logo
List of Unclassifed Man...
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1061 ETC2-CK1061 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1026 ETC2-CK1026 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
R2000 ETC-R2000 Datasheet
2Mb / 75P
   Indy® R2000 Reader Chip (IPJ-R2000) Electrical, Mechanical, & Thermal Specification
REV 2.0 7/30/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com