Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L-T670LGCT Datasheet(PDF) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # L-T670LGCT
Description  SURFACE MOUNT DEVICE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

L-T670LGCT Datasheet(HTML) 10 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button L-T670LGCT Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 11Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 12Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 13Page - PARA LIGHT ELECTRONICS CO., LTD. L-T670LGCT Datasheet HTML 14Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SURFACE MOUNT DEVICE LED
Part No. : L-T670LGCT
REV: A / 5
Moisture Resistant Packaging
Label
Aluminum moistue-proof bag
Desiccant
Label
25
5
435
240
Label
Box
Carton
Reel
Notes : One reel in a bag, one bag in a inner box, ten inner boxes in a carton. Unit : mm.
Cleaning
If cleaning is required , use the following solutions for less than 1 minute and less than 40℃.
Appropriate chemicals: isopropyl alcohol. (When using other solvents, it should be confirmed
beforehand whether the solvents will dissolve the package and the resin or not.)
Effect of ultrasonic cleaning on the LED resin body differs depending on such factors as
ultrasonic power and the assembled condition. Before cleaning, a pre-test should be
confirm whether any damage to the LEDS will occur.
DRAWING NO. : DS-7A-07-0005
DATE : 2009-10-31
PAGE
10of 15
PARA-FOR-068
Release
by
PARA LIGHT DCC


Similar Part No. - L-T670LGCT

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
L-T670LBCT PARALIGHT-L-T670LBCT Datasheet
778Kb / 15P
   SURFACE MOUNT DEVICE LED
More results

Similar Description - L-T670LGCT

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
0603KRCT HB-0603KRCT Datasheet
745Kb / 10P
   SURFACE MOUNT DEVICE LED
0603LGCT HB-0603LGCT Datasheet
811Kb / 10P
   SURFACE MOUNT DEVICE LED
logo
PARA LIGHT ELECTRONICS ...
L-T670KGCT PARALIGHT-L-T670KGCT Datasheet
745Kb / 14P
   SURFACE MOUNT DEVICE LED
L-T670WDT-NW2-Q PARALIGHT-L-T670WDT-NW2-Q Datasheet
297Kb / 17P
   SURFACE MOUNT DEVICE LED
L-T2835WDT-NW1-Q PARALIGHT-L-T2835WDT-NW1-Q Datasheet
222Kb / 15P
   SURFACE MOUNT DEVICE LED
L-T670WDT-CW1 PARALIGHT-L-T670WDT-CW1 Datasheet
882Kb / 16P
   SURFACE MOUNT DEVICE LED
L-C155TBJSCT-5A PARALIGHT-L-C155TBJSCT-5A Datasheet
234Kb / 13P
   SURFACE MOUNT DEVICE LED
L-C170JGCT PARALIGHT-L-C170JGCT Datasheet
273Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170JYCT PARALIGHT-L-C170JYCT Datasheet
301Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170LBCT PARALIGHT-L-C170LBCT Datasheet
307Kb / 14P
   SURFACE MOUNT DEVICE LED
L-C170WDT PARALIGHT-L-C170WDT Datasheet
294Kb / 15P
   SURFACE MOUNT DEVICE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com