Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PARA-SPL-150WDF-YFA-CW Datasheet(PDF) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # PARA-SPL-150WDF-YFA-CW
Description  150W Flood Light
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

PARA-SPL-150WDF-YFA-CW Datasheet(HTML) 4 Page - PARA LIGHT ELECTRONICS CO., LTD.

  PARA-SPL-150WDF-YFA-CW Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. PARA-SPL-150WDF-YFA-CW Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. PARA-SPL-150WDF-YFA-CW Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. PARA-SPL-150WDF-YFA-CW Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
150W Flood Light
PARA-SPL-150WDF-YFA-CW
Rev. :A /0
Electronic Characteristics
Technical parameter
Numerical value
Unit
Input voltage range
100-277V(AC)
V
Input frequency
50/60
Hz
Power consumption
150±10%
W
Luminous flux
11000±10%
lm
IP rate
IP65
IP
PFC
>0.9
Color temperature
6000±500
K
Light source life span
>5,0000
hrs
LED type
Cree LED
XPE WHT
LED Quantity
70
PCS
Weight
5.3
KG
Illuminance at a Distance
DRAWING NO. : DS-80-11-XXX
DATE :2013-2-21
Page : 4


Similar Part No. - PARA-SPL-150WDF-YFA-CW

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-150WDF-YFA-WW PARALIGHT-PARA-SPL-150WDF-YFA-WW Datasheet
120Kb / 4P
   150W Flood Light
More results

Similar Description - PARA-SPL-150WDF-YFA-CW

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-150WDF-YFA-WW PARALIGHT-PARA-SPL-150WDF-YFA-WW Datasheet
120Kb / 4P
   150W Flood Light
PARA-SPL-100WDF-YHA-CW PARALIGHT-PARA-SPL-100WDF-YHA-CW Datasheet
206Kb / 4P
   100W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC60-K A-BRIGHT-AB-FL56HC60-K_15 Datasheet
222Kb / 4P
   LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-200WDF-YFA-CW PARALIGHT-PARA-SPL-200WDF-YFA-CW Datasheet
219Kb / 4P
   200W Flood Light
PARA-SPL-200WDF-YFA-WW PARALIGHT-PARA-SPL-200WDF-YFA-WW Datasheet
139Kb / 4P
   200W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K_15 Datasheet
222Kb / 4P
   LED Flood Light
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-185WDF-YFA-CW PARALIGHT-PARA-SPL-185WDF-YFA-CW Datasheet
138Kb / 4P
   185W Flood Light
PARA-SPL-100WDF-YHA-WW PARALIGHT-PARA-SPL-100WDF-YHA-WW Datasheet
124Kb / 4P
   100W Flood Light
PARA-SPL-185WDF-YFA-WW PARALIGHT-PARA-SPL-185WDF-YFA-WW Datasheet
138Kb / 4P
   185W Flood Light
logo
A-BRIGHT Inc
AB-FL56HC30-K A-BRIGHT-AB-FL56HC30-K Datasheet
222Kb / 4P
   202.4x205.7mm LED Flood Light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com