Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8209AAJ-T8T1Y Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-8209AAJ-T8T1Y
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8209AAJ-T8T1Y Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-8209AAJ-T8T1Y Datasheet HTML 5Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 6Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 7Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 8Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 9Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 10Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 11Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 12Page - Seiko Instruments Inc S-8209AAJ-T8T1Y Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.4_00
S-8209A Series
Seiko Instruments Inc.
9
Electrical Characteristics
Table 7
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Overcharge detection
voltage
VCU
VCU
− 0.025
VCU
VCU
+ 0.025
V
1
Overcharge release
voltage
VCL
VCL
≠ VCU
VCL
− 0.05
VCL
VCL
+ 0.05
V
1
VCL = VCU
VCL
− 0.05
VCL
VCL
+ 0.025
V
1
Cell-balance detection
voltage
VBU
VBU
− 0.025
VBU
VBU
+ 0.025
V
1
Cell-balance release
voltage
VBL
VBL
≠ VBU
VBL
− 0.05
VBL
VBL
+ 0.05
V
1
VBL = VBU
VBL
− 0.05
VBL
VBL
+ 0.025
V
1
Overdischarge detection
voltage
VDL
VDL
− 0.05
VDL
VDL
+ 0.05
V
1
Overdischarge release
voltage
VDU
VDU
− 0.10
VDU
VDU
+ 0.10
V
1
CDT pin resistance
*1
RCDT
VDS = 3.5 V,VCDT = 0 V
4.76
8.31
10.9
M
Ω
2
CDT pin detection
voltage
*1
VCDET
VDS = 3.5 V
VDS
× 0.65
VDS
× 0.70
VDS
× 0.75
V
3
Operation voltage
between VDD pin and VSS pin
VDSOP
Output voltage
of CO pin, DO pin and CB pin fixed
1.5
8.0
V
CTLC pin H voltage
VCTLCH
VDS = 3.5 V
VDS
× 0.55
VDS
× 0.90
V
4
CTLD pin H voltage
VCTLDH
VDS = 3.5 V
VDS
× 0.55
VDS
× 0.90
V
4
CTLC pin L voltage
VCTLCL
VDS = 3.5 V
VDS
× 0.10
VDS
× 0.45
V
4
CTLD pin L voltage
VCTLDL
VDS = 3.5 V
VDS
× 0.10
VDS
× 0.45
V
4
Current consumption
during operation
*2
IOPE
VDS = 3.5 V
3.5
7.0
μA
5
Source current CTLC
*2 pin
ICTLCH
VDS = 3.5 V, VCTLC = 0 V
320
400
480
nA
6
Source current CTLD
*2 pin
ICTLDH
VDS = 3.5 V, VCTLD = 0 V
320
400
480
nA
6
Source current CB pin
ICBH
VCB = 4.0 V, VDS = 4.5 V
30
μA
7
Sink current CB pin
ICBL
VCB = 0.5 V, VDS = 3.5 V
30
μA
7
Sink current CO pin
ICOL
VCO = 0.5 V, VDS = 3.5 V
30
μA
7
Leakage current CO pin
ICOH
VCO = 24 V, VDS = 4.5 V
0.1
μA
8
Sink current DO pin
IDOL
VDO = 0.5 V, VDS = 3.5 V
30
μA
7
Leakage current DO pin
IDOH
VDO = 24 V, VDS = 1.8 V
0.1
μA
8
*1. In the S-8209A Series, users are able to set delay time for the output pins. By using the following formula, delay time is
calculated with the value of CDT pin’s resistance in the IC (RCDT) and the value of capacitor set externally at the CDT pin
(CCDT).
tD [s] =
−ln (1 − VCDET / VDS) × CCDT [μF] × RCDT [MΩ]
=
−ln (1 − 0.7 typ.) × CCDT [μF] × 8.31 MΩ typ.
= 10.0 M
Ω typ. × CCDT [μF]
In case of the capacitance of CDT pin CCDT = 0.01
μF, the output pin delay time tD is calculated by using the above
formula and as follows.
tD [s] = 10.0 M
Ω typ. × 0.01 μF = 0.1 s typ.
Test RCDT and the CDT pin detection voltage (VCDET) by test circuits shown in this datasheet after applying the power
supply while pulling-down the CTLC pin and the CTLD pin to the level of VSS pin outside the IC.
*2. In case of using CTLC pin and CTLD pin pulled-down to the level of VSS pin externally, the current flows into the VDD
pin (IDD) is calculated by the following formula.
IDD = IOPE
+ ICTLCH + ICTLDH


Similar Part No. - S-8209AAJ-T8T1Y

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209AAJ-T8T1Y ABLIC-S-8209AAJ-T8T1Y Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
More results

Similar Description - S-8209AAJ-T8T1Y

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com