Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3480 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI3480
Description  POWER MANAGEMENT CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3480 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI3480 Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev. 1.0 7/10
Copyright © 2010 by Silicon Laboratories
Si3480
Si3480 P OWER M ANAGEMENT C ONTROLLER
Features
Description
The Si3480 is a power manager intended for use with the Si3452 Power
over Ethernet (PoE) controller. The Si3480 enables the use of a smaller,
lower cost, and more efficiently-utilized power supply in an unmanaged
PoE Power Sourcing Equipment (PSE) system.
The Si3452 is capable of delivering over 30 W per port, which means that,
in a typical 8-port system, a 240 W power supply would have to be used
to avoid overload. Typically, not all ports are used at full power; so, a
smaller power supply in the range of 30 to 150 W can be used along with
the Si3480 power management controller.
The Si3480 power management controller is pin programmed. The pins
are used to set the power supply capacity, the number of low power
(category 1, 15.4 W), and high power (category 2, 30 W) ports, the port
priority, and the detection timing (Alternative A or Alternative B). The
Si3480 uses the real time overload and current monitoring capability of
the Si3452 to manage power for up to eight ports. Power management is
based on actual consumption rather than mere classification in order to
supply power to the greatest number of ports.
The Si3480 also provides LED drive to indicate port status and drive an
LED bar graph display to indicate the power supply capacity in use. If a
port is denied power due to power supply capacity limitations, the LED
indicators provide a simple and intuitive indication, helping a user
recognize and correct the overload situation by rebalancing loads or
adding mid-span power injectors to ports that would not otherwise be
powered. In case of a port overload, the port is easily re-enabled by
disconnecting the Powered Device (PD) and then reconnecting the PD
after correcting the overload situation.
Enables use of a smaller power
supply for a 4 or 8 port PoE
system
Self-contained solution operates
without the need for a host for
unmanaged operation

No software required

No data isolation required
Fully compliant with IEEE 802.3
clause 33 for Power over Ethernet
including the 802.3at amendment
for higher power (30 W category 2
ports)
Pin programmable for overall
power supply capacity, port
power level, port priority, and
detection timing
LED indication of port status and
overall power consumption
20-pin Quad flat package
(4x4 mm)

4x4 mm PCB footprint; RoHS
compliant
Extended operating temperature
range (–40 to +85 °C)
Ordering Information:
See Ordering Guide on page 9.
Pin Assignments
(Top View)
2
3
4
5
14
13
12
11
15
SDA
GND
VDD
RST
NC
LED6
LED7
LED8
PRIOCFG
ALTCFG
1
Si3480


Similar Part No. - SI3480

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
   POWER MANAGEMENT CONTROLLER
More results

Similar Description - SI3480

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
   POWER MANAGEMENT CONTROLLER
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
   POWER MANAGEMENT CONTROLLER
SI3482 SILABS-SI3482 Datasheet
391Kb / 38P
   POWER MANAGEMENT CONTROLLER
logo
National Semiconductor ...
PC87570 NSC-PC87570 Datasheet
1Mb / 168P
   PC87570 Keyboard and Power Management Controller
logo
Texas Instruments
TPS659110 TI1-TPS659110 Datasheet
453Kb / 10P
[Old version datasheet]   Power Management Unit with DCDC Controller
logo
Silicon Laboratories
SI3484 SILABS-SI3484 Datasheet
606Kb / 53P
   64-PORT POE POWER MANAGEMENT CONTROLLER
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com