Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4972DY Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SI4972DY
Description  Dual N-Channel 30-V (D-S) MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4972DY Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SI4972DY Datasheet HTML 6Page - Vishay Siliconix SI4972DY Datasheet HTML 7Page - Vishay Siliconix SI4972DY Datasheet HTML 8Page - Vishay Siliconix SI4972DY Datasheet HTML 9Page - Vishay Siliconix SI4972DY Datasheet HTML 10Page - Vishay Siliconix SI4972DY Datasheet HTML 11Page - Vishay Siliconix SI4972DY Datasheet HTML 12Page - Vishay Siliconix SI4972DY Datasheet HTML 13Page - Vishay Siliconix SI4972DY Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
www.vishay.com
10
Document Number: 73849
S09-0138-Rev. D, 02-Feb-09
Vishay Siliconix
Si4972DY
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases
where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
Current Derating* (Ch 2)
Power Derating, Junction-to-Ambient (Ch 2)
0
2
4
6
8
0
25
50
75
100
125
150
TC - Case Temperature (°C)
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
Power Derating, Junction-to-Foot (Ch 2)
0.0
0.8
1.6
2.4
3.2
4.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)


Similar Part No. - SI4972DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4972DY VISHAY-SI4972DY Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4972DY VISHAY-SI4972DY_V01 Datasheet
146Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SI4972DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com