Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL6259C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL6259C
Description  Low Noise 4-Channel Laser Diode Driver Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL6259C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL6259C Datasheet HTML 1Page - Elantec Semiconductor EL6259C Datasheet HTML 2Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
©2000 Elantec Semiconductor, Inc.
North America: 1-888-352-6832 X 311
Asia: +85-45-682-5820
Europe: +44-18-977-6020
Complete Product Specifications
Elantec Technical Support:
Features
• Low output noise = 4.0nA/rt-Hz
• High-performance laser diode
driver
• Pin compatible with EL6257
• Voltage-controlled output current
source to 150 mA per channel,
requiring one external set resistor
per channel
• Current-controlled output current
source to 150 mA per channel
• Rise time = 1.0 ns
• Fall time = 1.1 ns
• On chip oscillator with frequency
and amplitude control by use of
external resistors to ground
• Oscillator to 500 MHz
• Oscillator to 100 mA pk/pk
• Single +5V supply (±10%)
• Disable feature for power-up
protection and power savings
• TTL/CMOS control signals
Applications
• DVD-RAM high speed drives
• CD-RW applications
• Writable optical drives
• Laser diode current switching
Ordering Information
Part No
Temp. Range
Package
Outline #
EL6259CU
0°C to +70°C
QSOP-24
MDP0040
EL6259C - Product Brief
Low Noise 4-Channel Laser Diode Driver + Oscillator
General Description
The EL6259C is a low noise four channel laser diode current amplifier
that provides controlled current to a grounded laser diode. The four
amplifiers can provide up to 150 mA per channel of DC or pulsed cur-
rent. Channels 2, 3, and 4 must be used as the write channels, with
switching speeds of approximately one nanosecond rise/fall time. All
four channels are summed together at the IOUT output, allowing the
user to create multilevel waveforms in order to optimize laser diode
performance. The level of the output current is set by an analog volt-
age applied to an external resistor which converts the voltage into a
current at the IIN pin. The current seen at this pin is then amplified by
100X to become a current source at pin IOUT.
An on-chip 500 MHz oscillator is provided to allow current modula-
tion when in the read mode. This is turned on when the EOSC pin is
held high (floating not recommended). Complete control of amplitude
and frequency is set by two external resistors connected to ground at
pins RFREQ and RAMP (see graphs in this data sheet for further
explanation).
Output current pulses are enabled when an ‘L’ signal is applied to the
OE pin. No output current flows when OE is ‘H’, and additional laser
diode protection is provided since the OE input will float high when
open. Complete IOUT shut-off is also achieved by holding the CE pin
low, which will override the OE control pins.
The external resistors allow the user to accurately and independently
set each amplifier transconductance by applying a voltage to each
resistor, without restriction on the voltage range, thus ensuring broad
voltage DAC compatibility. Alternatively, the IIN pin can be biased
from a current DAC or other current source.
Connection Diagram
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
GND
IINR
GND
VCC
VCC
IOUT
RAMP
CE
EOSC
IIN2
RFREQ
IIN3
IIN4
OER
OE2
OE3
OE4
IOUT
GND
VCC
VCC
GND
GND
GND


Similar Part No. - EL6259C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6259CU ELANTEC-EL6259CU Datasheet
37Kb / 2P
   Laser Driver with Ocillator and APC
More results

Similar Description - EL6259C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6255C ELANTEC-EL6255C Datasheet
133Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6146 INTERSIL-EL6146 Datasheet
23Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Elantec Semiconductor
EL6275C ELANTEC-EL6275C Datasheet
136Kb / 2P
   4-Channel Laser Diode Driver Oscillator
EL6257C ELANTEC-EL6257C Datasheet
134Kb / 2P
   4-Channel Laser Diode Driver Oscillator
logo
Intersil Corporation
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
   Dual 4-Channel Laser Diode Driver Oscillator
logo
Elantec Semiconductor
EL6249C ELANTEC-EL6249C Datasheet
133Kb / 2P
   4-Ch Laser Diode Driver Oscillator
EL6276C ELANTEC-EL6276C Datasheet
133Kb / 2P
   4-Ch Laser Diode Driver Oscillator
EL6287C ELANTEC-EL6287C Datasheet
133Kb / 2P
   4-Ch Laser Diode Driver Oscillator
EL6274C ELANTEC-EL6274C Datasheet
133Kb / 2P
   4-Ch Laser Diode Driver Oscillator
EL6286C ELANTEC-EL6286C Datasheet
152Kb / 2P
   4-Ch Laser Diode Driver Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com