Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-8209ABY-I8T1U Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-8209ABY-I8T1U
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8209ABY-I8T1U Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-8209ABY-I8T1U Datasheet HTML 1Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 2Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 3Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-8209ABY-I8T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
S-8209A Series
Rev.3.4_00
Seiko Instruments Inc.
4
3. Product name list
3. 1 8-Pin TSSOP
Table 2
Product Name
Overcharge
Detection
Voltage
[VCU]
Overcharge
Release
Voltage
[VCL]
Cell-balance
Detection
Voltage
[VBU]
Cell-balance
Release
Voltage
[VBL]
Overdischarge
Detection
Voltage
[VDL]
Overdischarge
Release
Voltage
[VDU]
Discharge
Cell-balance
Function
S-8209AAA-T8T1y
4.100 V
4.000 V
4.050 V
4.000 V
2.50 V
2.70 V
Yes
S-8209AAB-T8T1y
3.800 V
3.750 V
3.650 V
3.600 V
2.00 V
2.50 V
Yes
S-8209AAC-T8T1y
3.900 V
3.500 V
3.550 V
3.550 V
2.50 V
2.70 V
Yes
S-8209AAD-T8T1y
4.250 V
4.100 V
4.200 V
4.100 V
2.50 V
3.00 V
Yes
S-8209AAE-T8T1y
4.000 V
3.900 V
3.950 V
3.900 V
2.50 V
2.70 V
Yes
S-8209AAF-T8T1y
4.250 V
4.100 V
4.100 V
4.000 V
2.75 V
3.05 V
Yes
S-8209AAG-T8T1y
3.900 V
3.600 V
3.550 V
3.500 V
2.00 V
2.40 V
Yes
S-8209AAH-T8T1y
3.900 V
3.700 V
3.600 V
3.600 V
2.50 V
2.80 V
No
S-8209AAI-T8T1y
4.150 V
4.050 V
3.900 V
3.900 V
3.00 V
3.30 V
Yes
S-8209AAJ-T8T1y
4.275 V
4.125 V
4.200 V
4.200 V
2.30 V
2.80 V
Yes
S-8209AAM-T8T1y
4.225 V
4.025 V
4.100 V
4.100 V
2.70 V
3.10 V
Yes
S-8209AAN-T8T1y
3.800 V
3.650 V
3.700 V
3.700 V
2.20 V
2.50 V
No
S-8209AAO-T8T1y
4.300 V
4.200 V
4.225 V
4.225 V
2.00 V
2.50 V
Yes
S-8209AAP-T8T1y
4.215 V
4.215 V
4.190 V
4.190 V
2.00 V
2.50 V
Yes
S-8209AAQ-T8T1y
4.300 V
4.100 V
4.200 V
4.100 V
2.45 V
2.85 V
Yes
S-8209AAR-T8T1y
4.250 V
4.150 V
3.950 V
3.950 V
3.00 V
3.30 V
No
S-8209AAT-T8T1y
4.325 V
4.125 V
4.200 V
4.200 V
2.50 V
3.00 V
No
S-8209AAV-T8T1U
4.300 V
4.100 V
4.150 V
4.150 V
2.50 V
3.00 V
Yes
S-8209AAW-T8T1U
3.700 V
3.500 V
3.550 V
3.550 V
2.00 V
2.50 V
Yes
S-8209AAY-T8T1U
3.900 V
3.600 V
3.550 V
3.500 V
2.00 V
2.40 V
No
S-8209ABB-T8T1U
4.350 V
4.350 V
4.200 V
4.200 V
2.50 V
2.70 V
Yes
S-8209ABC-T8T1U
4.350 V
4.150 V
4.250 V
4.250 V
2.50 V
3.00 V
No
S-8209ABD-T8T1U
3.700 V
3.500 V
3.550 V
3.500 V
2.50 V
2.70 V
No
S-8209ABH-T8T1U
4.250 V
4.050 V
4.200 V
4.100 V
2.50 V
3.00 V
Yes
S-8209ABN-T8T1U
4.000 V
3.600 V
3.550 V
3.500 V
2.00 V
2.30 V
No
S-8209ABO-T8T1U
4.250 V
4.100 V
4.175 V
4.175 V
2.80 V
2.90 V
No
S-8209ABP-T8T1U
4.250 V
4.100 V
4.100 V
4.000 V
2.75 V
3.05 V
No
S-8209ABR-T8T1U
3.850 V
3.650 V
3.600 V
3.600 V
2.30 V
2.50 V
No
S-8209ABT-T8T1U
3.800 V
3.700 V
3.550 V
3.550 V
2.85 V
2.95 V
No
S-8209ABV-T8T1U
4.275 V
4.125 V
4.200 V
4.200 V
2.30 V
2.80 V
No
S-8209ABX-T8T1U
4.250 V
4.150 V
4.180 V
4.180 V
2.80 V
3.00 V
Yes
S-8209ABZ-T8T1U
4.275 V
4.175 V
4.200 V
4.200 V
2.75 V
2.95 V
No
S-8209ACA-T8T1U
4.350 V
4.200 V
4.175 V
4.175 V
2.20 V
2.70 V
No
S-8209ACB-T8T1U
4.250 V
4.150 V
4.125 V
4.125 V
2.70 V
3.00 V
No
S-8209ACC-T8T1U
4.225 V
4.125 V
4.175 V
4.175 V
2.80 V
3.00 V
No
S-8209ACD-T8T1U
4.300 V
4.200 V
4.175 V
4.175 V
3.00 V
3.10 V
No
S-8209ACG-T8T1U
3.900 V
3.500 V
3.550 V
3.550 V
2.50 V
2.70 V
No
Remark 1. y: S or U
2. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-8209ABY-I8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8209ABY-I8T1U ABLIC-S-8209ABY-I8T1U Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
More results

Similar Description - S-8209ABY-I8T1U

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB209A UTC-UB209A Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-8209A ABLIC-S-8209A Datasheet
483Kb / 27P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
S-8209B ABLIC-S-8209B Datasheet
473Kb / 26P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
Rev.3.8_00
logo
Unisonic Technologies
UB209A UTC-UB209A_15 Datasheet
261Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B Datasheet
250Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209A UTC-UB209A_17 Datasheet
283Kb / 9P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
UB209B UTC-UB209B_17 Datasheet
269Kb / 10P
   BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
logo
ABLIC Inc.
S-82V1A ABLIC-S-82V1A Datasheet
689Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82T1A ABLIC-S-82T1A Datasheet
692Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
S-82U1A ABLIC-S-82U1A Datasheet
695Kb / 41P
   BATTERY PROTECTION IC WITH ALARM FUNCTION FOR 1-CELL PACK
Rev.1.0_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com