Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG5600 Datasheet(PDF) 2 Page - Littelfuse

Part # CG5600
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG5600 Datasheet(HTML) 2 Page - Littelfuse

  CG5600 Datasheet HTML 1Page - Littelfuse CG5600 Datasheet HTML 2Page - Littelfuse CG5600 Datasheet HTML 3Page - Littelfuse CG5600 Datasheet HTML 4Page - Littelfuse CG5600 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
14
Revised: July 6, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG5 and SL0902A Series
CG5 and SL0902A Series
Part Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Breakdown
in Volts
(@100V/µs)
Impulse
Breakdown
In Volts
(@1 Kv/µsec)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Surge
Life
(10/1000µs)
Nominal
Impulse
Discharge
Current
(8/20µs)
Nominal
AC
Discharge
Current
(10x1sec
@50-60Hz)
AC
Dischage
Current
(9 cycle @50Hz)
Max
Impulse
Discharge
Current
(1 Application
@ 10/350µs)
MIN
TYP MAX
MAX
MIN
MAX
SL0902A90
CG590
72
90
108
550
700
1010 Ω
(at 50V)
1.5 pf
300 shots
(@100A)
10 shots
(@5kA)5
5 A
10 A
0.5kA
CG5145
116 145 174
550
650
1010 Ω
(at 100V)
CG5150
120 150 180
550
300 shots
(@100A)
10 shots
(@5kA)5
5 A
10 A
0.5kA
SL0902A230
CG5230
184 230 276
550
650
CG5250
200 250 300
600
CG5270
216 270 324
650
SL0902A350
CG5350
280 350 420
800
900
CG5400
320 400 480
900
SL0902A420
336 420 504
900
1000
CG5550
440 550 660
1350
SL0902A600
CG5600
480 600 720
1350
1500
Product Characteristics
Materials
CG5xxxLS (Outline 500), CG5xxxxLTR
& CG5350L-03TR (Outline 502), and
CG5xxxL-02 (Outline 503): Device
Nickel Plated 2–5 Microns Wire Tin Plated
17.5±12.5 Microns Construction Ceramic
Insulator.
CG5xxx (Outline 501), and CG5xxxMS
& SL0902AxxxSM (Outline 505):
Device Tin Plated 17.5±12.5 Microns
Construction Ceramic Insulator.
Product Marking
LF Logo, Voltage and date code
Glow to arc
transition current
< 0.5Amps
Glow Voltage
140 Volts
Storage and
Operational
Temperature
-40 to +90
Electrical Characteristics
Time (ns)
0
200
400
600
800
1000
1200
Max dynamic breakover
voltage
Hold-over voltage
On-State voltage
Voltage vs.Time Characteristic
@ 1.0 GHz = 0.01 dB
@ 1.4GHz = 0.1 dB
@ 1.8 GHz = 0.53 dB
@ 2.1 GHz = 0.81 dB
@ 2.45 GHz= 1 dB
@ 2.8 GHz = 1.2 dB
@ 3.1 GHz = 1.5 dB
@ 3.5 GHz = 2.1 dB
Typical Insertion Loss


Similar Part No. - CG5600

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CG5600 LITTELFUSE-CG5600 Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
CG5600L LITTELFUSE-CG5600L Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
CG5600LS LITTELFUSE-CG5600LS Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
CG5600LSTR LITTELFUSE-CG5600LSTR Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
CG5600LTR LITTELFUSE-CG5600LTR Datasheet
938Kb / 5P
   Gas Discharge Tubes CG5 and SL0902A Series
2020 Littelfuse, Inc.
More results

Similar Description - CG5600

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com