Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA-220-AFN Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SLA-220-AFN
Description  Diversified Electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLA-220-AFN Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SLA-220-AFN Datasheet HTML 1Page - List of Unclassifed Manufacturers SLA-220-AFN Datasheet HTML 2Page - List of Unclassifed Manufacturers SLA-220-AFN Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SLA Series
Diversified Electronics
atcdiversified.com
800.727.5646
216
2.375"
1.75"
Style B
2.375"
1.75"
Style B
Figure 1
RB-08 or OT-08
Figure 2
RB-11
Figure 3
70-463-1
\\\DIMENSIONS (INCHES)
\\\WIRING
Style “E”
Style “A”
Style “B”
Style “N”
Style “A”
Style “E”
Style “N”
Figure 4
Figure 5
Style “E”
For UL Listed units, copper wire with 60°/75°C rating
must be used for control circuitry connections.
Style “A”
Style “N”


Similar Part No. - SLA-220-AFN

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLA-24VDC-SL-A SONGLERELAY-SLA-24VDC-SL-A Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-24VDC-SL-B SONGLERELAY-SLA-24VDC-SL-B Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-24VDC-SL-C SONGLERELAY-SLA-24VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
More results

Similar Description - SLA-220-AFN

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA551 AXIOMTEK-NA551 Datasheet
261Kb / 1P
   Supports diversified LAN modules expansion
logo
Ohmite Mfg. Co.
RES-MCS OHMITE-RES-MCS Datasheet
494Kb / 2P
   Industrial electronics, power electronics
logo
List of Unclassifed Man...
Z8E00010PSC ETC-Z8E00010PSC Datasheet
69Kb / 1P
   electronics
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Winchester Electronics ...
SDKC-59-226 WINCHESTER-SDKC-59-226 Datasheet
95Kb / 1P
   KINGS ELECTRONICS
logo
Festo Corporation.
8066765 FESTO-8066765 Datasheet
81Kb / 1P
   Electronics module
8/9/22
533360 FESTO-533360 Datasheet
79Kb / 1P
   Electronics module
8/9/22
533361 FESTO-533361 Datasheet
78Kb / 1P
   Electronics module
8/9/22
537987 FESTO-537987 Datasheet
77Kb / 1P
   Electronics module
8/9/22
543333 FESTO-543333 Datasheet
79Kb / 1P
   Electronics module
8/9/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com