Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-343DCT32 Datasheet(PDF) 6 Page - Rohm

Part # SLR-343DCT32
Description  Viewing angle 20 1/2 40
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343DCT32 Datasheet(HTML) 6 Page - Rohm

  SLR-343DCT32 Datasheet HTML 1Page - Rohm SLR-343DCT32 Datasheet HTML 2Page - Rohm SLR-343DCT32 Datasheet HTML 3Page - Rohm SLR-343DCT32 Datasheet HTML 4Page - Rohm SLR-343DCT32 Datasheet HTML 5Page - Rohm SLR-343DCT32 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
ROHM Semiconductor:
SLR343BC4T3F SLR343BC4TT32 SLR343BCT3F SLR343BCTT32 SLR-343DUT32 SLR343EC4T3F
SLR343EC4TT32 SLR343ECT3F SLR-343MCT32 SLR-343MGT32 SLR-343VCT32 SLR-343VRT32 SLR-
343YCT32 SLR-343YYT32 SLR-343MC3F SLR343BC7TT32 SLR343BD2T3F SLR-343DCT32 SLR343BC7T3F
SLR343WBD2PT2 SLR343WBD2PT3 SLR-343DC3F SLR-343VC3F SLR-343YC3F SLR-343PC3F SLR-343PCT32
SLR343WBD2PT1 SLR343WBD2PT5


Similar Part No. - SLR-343DCT32

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343DC ROHM-SLR-343DC Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343DC ROHM-SLR-343DC Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343DC ROHM-SLR-343DC Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Electrical Characteristics Curves
More results

Similar Description - SLR-343DCT32

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com