Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-311DT Datasheet(PDF) 4 Page - Rohm

Part # SML-311DT
Description  1608 standard size(1.6x0.8mm, t=0.8mm)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-311DT Datasheet(HTML) 4 Page - Rohm

  SML-311DT Datasheet HTML 1Page - Rohm SML-311DT Datasheet HTML 2Page - Rohm SML-311DT Datasheet HTML 3Page - Rohm SML-311DT Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R1102
A
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
The information contained herein is subject to change without notice.
Before you use our Products, please contact our sales representative and verify the latest specifica-
tions :
Although ROHM is continuously working to improve product reliability and quality, semicon-
ductors can break down and malfunction due to various factors.
Therefore, in order to prevent personal injury or fire arising from failure, please take safety
measures such as complying with the derating characteristics, implementing redundant and
fire prevention designs, and utilizing backups and fail-safe procedures. ROHM shall have no
responsibility for any damages arising out of the use of our Poducts beyond the rating specified by
ROHM.
Examples of application circuits, circuit constants and any other information contained herein are
provided only to illustrate the standard usage and operations of the Products. The peripheral
conditions must be taken into account when designing circuits for mass production.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or implicitly,
any license to use or exercise intellectual property or other rights held by ROHM or any other
parties. ROHM shall have no responsibility whatsoever for any dispute arising out of the use of
such technical information.
The Products are intended for use in general electronic equipment (i.e. AV/OA devices, communi-
cation, consumer systems, gaming/entertainment sets) as well as the applications indicated in
this document.
The Products specified in this document are not designed to be radiation tolerant.
For use of our Products in applications requiring a high degree of reliability (as exemplified
below), please contact and consult with a ROHM representative : transportation equipment (i.e.
cars, ships, trains), primary communication equipment, traffic lights, fire/crime prevention, safety
equipment, medical systems, servers, solar cells, and power transmission systems.
Do not use our Products in applications requiring extremely high reliability, such as aerospace
equipment, nuclear power control systems, and submarine repeaters.
ROHM shall have no responsibility for any damages or injury arising from non-compliance with
the recommended usage conditions and specifications contained herein.
ROHM has used reasonable care to ensur the accuracy of the information contained in this
document. However, ROHM does not warrants that such information is error-free, and ROHM
shall have no responsibility for any damages arising from any inaccuracy or misprint of such
information.
Please use the Products in accordance with any applicable environmental laws and regulations,
such as the RoHS Directive. For more details, including RoHS compatibility, please contact a
ROHM sales office. ROHM shall have
no responsibility for any damages or losses resulting
non-compliance with any applicable laws or regulations.
When providing our Products and technologies contained in this document to other countries,
you must abide by the procedures and provisions stipulated in all applicable export laws and
regulations, including without limitation the US Export Administration Regulations and the Foreign
Exchange and Foreign Trade Act.
This document, in part or in whole, may not be reprinted or reproduced without prior consent of
ROHM.
1)
2)
3)
4)
5)
6)
7)
8)
9)
10)
11)
12)
13)
14)


Similar Part No. - SML-311DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-311DT ROHM-SML-311DT Datasheet
73Kb / 3P
   Chip LEDs with low power consumption
SML-311DT ROHM-SML-311DT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-311DT ROHM-SML-311DT Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
SML-311DT ROHM-SML-311DT Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SML-311DT ROHM-SML-311DT Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML-311DT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-310MTT86N ROHM-SML-310MTT86N Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
SML312WBCW1 ROHM-SML312WBCW1 Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
logo
List of Unclassifed Man...
LT1X67A ETC-LT1X67A Datasheet
107Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Sharp Corporation
LT1U67A SHARP-LT1U67A Datasheet
106Kb / 5P
   1608 Size, 0.8mm Thickness, Leadless Chip LED Devices
logo
Rohm
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
   0805<2.0 1.25 t=0.8mm> Standard Type
logo
Murata Manufacturing Co...
NFM18P MURATA-NFM18P Datasheet
77Kb / 4P
   Ultra small size in 1.6x0.8mm
logo
Rohm
MCH18 ROHM-MCH18 Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
logo
STANLEY ELECTRIC CO.,LT...
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
VFHA1112H-3BZ2C-TR STANLEY-VFHA1112H-3BZ2C-TR Datasheet
1Mb / 21P
   2125(t=0.8mm) Type, diffused lens
logo
Murata Manufacturing Co...
NCP18WM154J03RB MURATA-NCP18WM154J03RB Datasheet
1Mb / 44P
   Temperature Sensor and Compensation 0603 (1608) Size
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com