Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1517J5003AHF Datasheet(PDF) 6 Page - Anaren Microwave

Part # C1517J5003AHF
Description  Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

C1517J5003AHF Datasheet(HTML) 6 Page - Anaren Microwave

  C1517J5003AHF Datasheet HTML 1Page - Anaren Microwave C1517J5003AHF Datasheet HTML 2Page - Anaren Microwave C1517J5003AHF Datasheet HTML 3Page - Anaren Microwave C1517J5003AHF Datasheet HTML 4Page - Anaren Microwave C1517J5003AHF Datasheet HTML 5Page - Anaren Microwave C1517J5003AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model C1517J5003AHF
Rev D
Packaging and Ordering Information
Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below.
Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information
.
1.75
3.50
4.00
1.60
.81
8.00
4.00
2.00
.25
2.41


Similar Part No. - C1517J5003AHF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
C15111 SUMIDA-C15111 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
C15112 SUMIDA-C15112 Datasheet
152Kb / 2P
   ADSL Transformer< SMD Type: CEP Series>
logo
Ledil, Inc.
C15135 LEDIL-C15135 Datasheet
3Mb / 58P
   Strada Lens
logo
Savantic, Inc.
C1514 SAVANTIC-C1514 Datasheet
205Kb / 3P
   Silicon NPN Power Transistors
logo
Sumida Corporation
C15141 SUMIDA-C15141 Datasheet
168Kb / 1P
   xDSL POTs Splitter< SMD Type: CRM Series>
More results

Similar Description - C1517J5003AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
C2023J5003A00 ANAREN-C2023J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF_14 Datasheet
345Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003AHF ANAREN-C1720J5003AHF_14 Datasheet
272Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1015J5003AHF ANAREN-C1015J5003AHF Datasheet
350Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003AHF ANAREN-C0810J5003AHF Datasheet
364Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C2327J5003AHF ANAREN-C2327J5003AHF Datasheet
271Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C5060J5003AHF ANAREN-C5060J5003AHF Datasheet
282Kb / 7P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C3337J5003AHF ANAREN-C3337J5003AHF Datasheet
271Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C0810J5003A00 ANAREN-C0810J5003A00 Datasheet
180Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
C1720J5003A00 ANAREN-C1720J5003A00 Datasheet
176Kb / 6P
   Ultra Low Profile 0805 3 dB, 90째 Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com