Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC0710J5020AHF Datasheet(PDF) 3 Page - Anaren Microwave

Part # DC0710J5020AHF
Description  Ultra Low Profile 0805 20dB Directional Coupler
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

DC0710J5020AHF Datasheet(HTML) 3 Page - Anaren Microwave

  DC0710J5020AHF Datasheet HTML 1Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 2Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 3Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 4Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 5Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 6Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 7Page - Anaren Microwave DC0710J5020AHF Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Visit us at
www.anaren.com
USA/Canada:
Toll Free:
Europe:
Asia:
(315) 432-8909
(800) 411-6596
+44 2392-232392
+86 512-62749282
Model DC0710J5020AHF
Rev D
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Insertion Loss (dB)- Feeding thru input port (Port6)
Freq [GHz]
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
1.05
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
Transmission Loss (dB)- Feeding thru input port (Port6)
Freq [GHz]
Wideband Performance: 0 to 8500MHz (Configuration 1)
1
2
3
4
5
6
7
8
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Coupling (dB) - Feeding thru input port (Port6)
Freq [GHz]
1
2
3
4
5
6
7
8
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Directivity (dB)- Feeding thru input port (Port6)
Freq [GHz]
1
2
3
4
5
6
7
8
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Return Loss at Input Port (dB)
Freq [GHz]
1
2
3
4
5
6
7
8
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Return Loss at Direct Port (dB)
Freq [GHz]


Similar Part No. - DC0710J5020AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC0710J5005AHF ANAREN-DC0710J5005AHF Datasheet
418Kb / 6P
   Ultra Low Profile 0805
DC0710J5010AHF ANAREN-DC0710J5010AHF Datasheet
251Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
More results

Similar Description - DC0710J5020AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DC1722J5020AHF ANAREN-DC1722J5020AHF Datasheet
246Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC4759J5020AHF ANAREN-DC4759J5020AHF Datasheet
249Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC2337J5020AHF ANAREN-DC2337J5020AHF Datasheet
249Kb / 8P
   Ultra Low Profile 0805 20dB Directional Coupler
DC2337J5010AHF ANAREN-DC2337J5010AHF Datasheet
255Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC1722J5010AHF ANAREN-DC1722J5010AHF Datasheet
247Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC0710J5010AHF ANAREN-DC0710J5010AHF Datasheet
251Kb / 8P
   Ultra Low Profile 0805 10dB Directional Coupler
DC1722J5015AHF ANAREN-DC1722J5015AHF Datasheet
252Kb / 8P
   Ultra Low Profile 0805 15dB Directional Coupler
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
   20dB Directional Coupler
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
   Directional Coupler 20dB
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
   20dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com