Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9905-Y-V-F3-AX Datasheet(PDF) 10 Page - California Eastern Labs

Part # PS9905-Y-V-F3-AX
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9905-Y-V-F3-AX Datasheet(HTML) 10 Page - California Eastern Labs

Back Button PS9905-Y-V-F3-AX Datasheet HTML 6Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 7Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 8Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 9Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 10Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 11Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 12Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 13Page - California Eastern Labs PS9905-Y-V-F3-AX Datasheet HTML 14Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
PS9905
Chapt
8
1
f
o
0
1
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
5
0
0
S
D
8
0
R
Jun 11, 2012
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. SUPPLY VOLTAGE
Supply Voltage VCC (V)
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
6
8
10
12
14
16
18
150
100
50
0
15
20
25
30
150
100
50
0
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
10
20
30
40
50
150
100
50
0
0
0.5
1.0
1.5
2.5
2.0
8
6
4
2
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
0
10
20
30
40
50
150
100
50
0
Load Resistance Rg (Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
0
40 −20
20
40
60
80
150
100
50
0
100
40°C
+25°C
VCC = 30 V,
VEE = GND,
IF = 0 mA
TA = +110°C
TA = 25°C, IF = 12 mA,
VCC = 30 V, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
IF = 12 mA, VCC = 30 V,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
TA = 25°C, IF = 12 mA,
VCC = 30 V, Rg = 10 Ω,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
TA = 25°C, IF = 12 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
TA = 25°C, VCC = 30 V,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
PWD
tPLH
tPHL
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9905-Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9905-F3 RENESAS-PS9905-F3 Datasheet
322Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
PS9905-V RENESAS-PS9905-V Datasheet
322Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
PS9905-V-F3 RENESAS-PS9905-V-F3 Datasheet
322Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
More results

Similar Description - PS9905-Y-V-F3-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9905 RENESAS-PS9905_15 Datasheet
322Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN LSDIP PHOTOCOUPLER
PS8902 RENESAS-PS8902 Datasheet
291Kb / 17P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER FOR CREEPAGE DISTANCE OF 14.5 mm
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9305L CEL-PS9305L Datasheet
267Kb / 20P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9305L RENESAS-PS9305L Datasheet
305Kb / 21P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com