Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9506L2-V Datasheet(PDF) 8 Page - California Eastern Labs

Part # PS9506L2-V
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9506L2-V Datasheet(HTML) 8 Page - California Eastern Labs

Back Button PS9506L2-V Datasheet HTML 4Page - California Eastern Labs PS9506L2-V Datasheet HTML 5Page - California Eastern Labs PS9506L2-V Datasheet HTML 6Page - California Eastern Labs PS9506L2-V Datasheet HTML 7Page - California Eastern Labs PS9506L2-V Datasheet HTML 8Page - California Eastern Labs PS9506L2-V Datasheet HTML 9Page - California Eastern Labs PS9506L2-V Datasheet HTML 10Page - California Eastern Labs PS9506L2-V Datasheet HTML 11Page - California Eastern Labs PS9506L2-V Datasheet HTML 12Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Preliminary document
PS9506,PS9506L1,PS9506L2,PS9506L3
Chapter Title
0
2
f
o
8
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
1
0
0
S
D
8
0
R
Nov 10, 2011
SWITCHING CHARACTERISTICS (TA = −40 to +110°C, VCC = 10 to 30 V, IF (ON) = 8 to
12 mA, VF (OFF) = −2 to 0.8 V, VEE = GND, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.*1
MAX.
Unit
Propagation Delay Time (L → H)
tPLH
Rg = 47 Ω, Cg = 3 nF,
0.05
0.18
0.4
μs
Propagation Delay Time (H → L)
tPHL
4
.
0
8
1
.
0
5
0
.
0
,
z
H
k
0
1
=
f
μs
Pulse Width Distortion (PWD)
|tPHL−tPLH| Duty Cycle = 50%
*2,
0.25
μs
Propagation Delay Time
(Difference Between Any Two
Products)
tPHL−tPLH
IF = 10 mA,
VCC = 30 V
−0.3
0.3
μs
t
e
m
i
T
e
s
i
R
r
s
n
0
5
t
e
m
i
T
ll
a
F
f
s
n
0
5
Common Mode Transient
Immunity at High Level Output
|CMH|
TA = 25°C, IF = 10 mA,
VCC = 30 V, VCM = 1.5 kV,
VO (MIN.) = 26 V
25
kV/μs
Common Mode Transient
Immunity at Low Level Output
|CML|
TA = 25°C, IF = 0 mA,
VCC = 30 V, VCM = 1.5 kV,
VO (MAX.) = 1 V
25
kV/μs
Notes: *1. Typical values at TA = 25°C, VCC − VEE = 30 V.
*2. This load condition is equivalent to the IGBT load at 1 200 V/25 A.
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9506L2-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506L2-V RENESAS-PS9506L2-V Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L2-V RENESAS-PS9506L2-V Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L2-V-E3 RENESAS-PS9506L2-V-E3 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L2-V-E3 RENESAS-PS9506L2-V-E3 Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9506L2-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506_15 Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com