Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX385AS-1.2TR Datasheet(PDF) 4 Page - Sipex Corporation

Part # SPX385AS-1.2TR
Description  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX385AS-1.2TR Datasheet(HTML) 4 Page - Sipex Corporation

  SPX385AS-1.2TR Datasheet HTML 1Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 2Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 3Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 4Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 5Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 6Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 7Page - Sipex Corporation SPX385AS-1.2TR Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Date: 11/05/04
SPX385-1.2 Micropower Voltage Reference
© Copyright 2004 Sipex Corporation
4
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Reference from 1.5V Battery
Figure 9. Micropower Reference from 9V Battery
Figure 10. Wide Input Range Reference
Figure 11: Precision Micropower 10V Reference
3k
1.5V
SPX385-1.2
1.2V
500k
9V
SPX385-1.2
1.2V
4.3k
VIN = 2.3V to 30V
SPX385-1.2
OUT
1.2V
LM334
SPX385-1.2
1M
+
-
VIN = 15V
LM4250C
3
7
2
4
8
22M
3.5M
500k
150pF
6
10V
IQ ≅ 20µA Standby Current
IQ


Similar Part No. - SPX385AS-1.2TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385AS-1.2 SIPEX-SPX385AS-1.2 Datasheet
223Kb / 8P
   Micropower Voltage Reference
SPX385AS-1.2/TR SIPEX-SPX385AS-1.2/TR Datasheet
223Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - SPX385AS-1.2TR

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com