Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS9506L2-V-AX Datasheet(PDF) 5 Page - California Eastern Labs

Part # PS9506L2-V-AX
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9506L2-V-AX Datasheet(HTML) 5 Page - California Eastern Labs

  PS9506L2-V-AX Datasheet HTML 1Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 2Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 3Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 4Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 5Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 6Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 7Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 8Page - California Eastern Labs PS9506L2-V-AX Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Preliminary document
PS9506,PS9506L1,PS9506L2,PS9506L3
Chapter Title
0
2
f
o
5
e
g
a
P
0
0
.
1
.
v
e
R
0
0
1
0
J
E
8
1
0
0
S
D
8
0
R
Nov 10, 2011
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number*1
PS9506
PS9506-AX
Pb-Free
50 Magazine Cases
Standard
PS9506
PS9506L1
PS9506L1-AX
(Ni/Pd/Au)
products
PS9506L1
PS9506L2
PS9506L2-AX
(UL, CSA, SEMKO PS9506L2
PS9506L3
PS9506L3-AX
approved)
PS9506L3
PS9506L2-E3
PS9506L2-E3-AX
Embossed Tape
PS9506L2
PS9506L3-E3
PS9506L3-E3-AX
1 000 pcs/reel
PS9506L3
PS9506-V
PS9506-V-AX
50 Magazine Cases
DIN EN60747-5-2
PS9506
PS9506L1-V
PS9506L1-V-AX
(VDE0884 Part2)
PS9506L1
PS9506L2-V
PS9506L2-V-AX
approved
PS9506L2
PS9506L3-V
PS9506L3-V-AX
(Option)
PS9506L3
PS9506L2-V-E3
PS9506L2-V-E3-AX
Embossed Tape
PS9506L2
PS9506L3-V-E3
PS9506L3-V-E3-AX
1 000 pcs/reel
PS9506L3
Note: *1. For the application of the Safety Standard, following part number should be used.
<R>
A Business Partner of Renesas Electronics Corporation.


Similar Part No. - PS9506L2-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506L2-V-E3 RENESAS-PS9506L2-V-E3 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506L2-V-E3 RENESAS-PS9506L2-V-E3 Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results

Similar Description - PS9506L2-V-AX

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9506 RENESAS-PS9506_15 Datasheet
336Kb / 22P
   0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9531 CEL-PS9531 Datasheet
1Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9505 RENESAS-PS9505 Datasheet
315Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9505 CEL-PS9505 Datasheet
3Mb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9531 RENESAS-PS9531_15 Datasheet
657Kb / 22P
   2.5 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com